Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6321 Datasheet(PDF) 19 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC6321 Datasheet HTML 15Page - Microchip Technology TC6321 Datasheet HTML 16Page - Microchip Technology TC6321 Datasheet HTML 17Page - Microchip Technology TC6321 Datasheet HTML 18Page - Microchip Technology TC6321 Datasheet HTML 19Page - Microchip Technology TC6321 Datasheet HTML 20Page - Microchip Technology TC6321 Datasheet HTML 21Page - Microchip Technology TC6321 Datasheet HTML 22Page - Microchip Technology TC6321 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
 2017 Microchip Technology Inc.
DS20005724A-page 19
TC6321
Microchip Technology Drawing C04-413A Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width (X2)
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
1.27 BSC
0.20 REF
3.15
0.55
0.35
0.80
0.00
0.40
0.60
3.25
0.85
0.02
5.00 BSC
MILLIMETERS
MIN
NOM
8
3.35
0.65
0.45
0.90
0.05
MAX
K4
0.60 REF
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Exposed Pad to Exposed Pad
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Overall Length
Exposed Pad Length (X2)
D
D2
2.25
6.00 BSC
2.35
2.45
8-Lead Very Thin Plastic Dual Flat, No Lead (9U) - 6x5 mm Body [VDFN]
With Dual Exposed Pads
Molded Package Edge to Exposed Pad
K3
0.35 REF
Terminal to Exposed Pad (X4)
K2
0.20 REF
Terminal to Exposed Pad (X4)
K1
0.35 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com