Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6321 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC6321 Datasheet HTML 4Page - Microchip Technology TC6321 Datasheet HTML 5Page - Microchip Technology TC6321 Datasheet HTML 6Page - Microchip Technology TC6321 Datasheet HTML 7Page - Microchip Technology TC6321 Datasheet HTML 8Page - Microchip Technology TC6321 Datasheet HTML 9Page - Microchip Technology TC6321 Datasheet HTML 10Page - Microchip Technology TC6321 Datasheet HTML 11Page - Microchip Technology TC6321 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TC6321
DS20005724A-page 8
 2017 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA = TJ = 25°C.
FIGURE 2-7:
N-Channel On-Resistance
vs. Drain Current.
FIGURE 2-8:
N-Channel Capacitance vs.
Drain-to-Source Voltage.
FIGURE 2-9:
N-Channel VGS(th) vs.
Temperature.
FIGURE 2-10:
P-Channel On-Resistance
vs. Drain Current.
FIGURE 2-11:
P-Channel Capacitance vs.
Drain-to-Source Voltage.
FIGURE 2-12:
P-Channel VGS(th) vs.
Temperature.
0
2
4
6
8
10
12
14
16
18
20
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00 3.25 3.50
ID (A)
VGS = 4.5V
VGS = 10V
0
50
100
150
200
250
300
350
0
102030
40
VDS (V)
CISS
COSS
CRSS
f= 1 MHz
0.60
0.70
0.80
0.90
1.00
1.10
1.20
-55
-25
0
255075
100 125 150 175
Temperature (°C)
0
2
4
6
8
10
12
14
16
18
20
-3.50
-3.25
-3.00
-2.75
-2.50
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
ID (A)
VGS = -4.5V
VGS = -10V
0
50
100
150
200
250
300
350
-40
-30
-20
-10
0
VDS (V)
CISS
COSS
CRSS
f= 1MHz
0.60
0.70
0.80
0.90
1.00
1.10
1.20
-55
-25
0
255075
100 125 150 175
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com