Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6321 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC6321 Datasheet HTML 9Page - Microchip Technology TC6321 Datasheet HTML 10Page - Microchip Technology TC6321 Datasheet HTML 11Page - Microchip Technology TC6321 Datasheet HTML 12Page - Microchip Technology TC6321 Datasheet HTML 13Page - Microchip Technology TC6321 Datasheet HTML 14Page - Microchip Technology TC6321 Datasheet HTML 15Page - Microchip Technology TC6321 Datasheet HTML 16Page - Microchip Technology TC6321 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2017 Microchip Technology Inc.
DS20005724A-page 13
TC6321
4.0
FUNCTIONAL DESCRIPTION
4.1
N-Channel Switching Waveforms
and Test Circuit
Figure 4-1 shows the N-channel switching waveforms
and test circuit.
FIGURE 4-1:
N-Channel Switching Waveforms and Test Circuit.
4.2
P-Channel Switching Waveforms
and Test Circuit
Figure 4-2 shows the P-channel switching waveforms
and test circuit.
FIGURE 4-2:
P-Channel Switching Waveforms and Test Circuit.
t(ON)
td(ON) tr
10%
90%
10%
90%
90%
10%
t(OFF)
tf
td(OFF)
0 V
10 V
Input
Output
VDD
0 V
VDD
Output
Input
RGEN
RL
VSOURCE
TC6321
t(ON)
td(ON) tr
10%
90%
10%
90%
90%
10%
t(OFF)
tf
td(OFF)
-10 V
0 V
Input
Output
0 V
VSS
VSS
Output
Input
RGEN
RL
VSOURCE
TC6321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com