Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6321 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC6321 Datasheet HTML 3Page - Microchip Technology TC6321 Datasheet HTML 4Page - Microchip Technology TC6321 Datasheet HTML 5Page - Microchip Technology TC6321 Datasheet HTML 6Page - Microchip Technology TC6321 Datasheet HTML 7Page - Microchip Technology TC6321 Datasheet HTML 8Page - Microchip Technology TC6321 Datasheet HTML 9Page - Microchip Technology TC6321 Datasheet HTML 10Page - Microchip Technology TC6321 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
 2017 Microchip Technology Inc.
DS20005724A-page 7
TC6321
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, TA = TJ = 25°C.
FIGURE 2-1:
N-Channel ID vs. VDS
(Output Characteristics).
FIGURE 2-2:
N-Channel On-Resistance
vs. Temperature.
FIGURE 2-3:
N-Channel ID vs. VGS.
FIGURE 2-4:
P-Channel ID vs. VDS
(Output Characteristics).
FIGURE 2-5:
P-Channel On-Resistance
vs. Temperature.
FIGURE 2-6:
P-Channel ID vs. VGS.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
0
50
100
150
200
VDS (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-55
-25
0
25
50
75
100
125
150
175
Temperature (°C)
VGS = 4.5V, ID = 150 mA
VGS = 10V, ID = 1A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
01
23
45
67
89
10
VGS (V)
Temp. = 25 C
VDS = +25V
-3.50
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
-200
-150
-100
-50
0
VDS (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-55
-25
0
25
50
75
100 125 150 175
Temperature (°C)
VGS = -4.5V, ID = -150 mA
VGS = -10V, ID = -1A
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
VGS (V)
Temp. = 25
VDS = -25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com