Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6321 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC6321 Datasheet HTML 11Page - Microchip Technology TC6321 Datasheet HTML 12Page - Microchip Technology TC6321 Datasheet HTML 13Page - Microchip Technology TC6321 Datasheet HTML 14Page - Microchip Technology TC6321 Datasheet HTML 15Page - Microchip Technology TC6321 Datasheet HTML 16Page - Microchip Technology TC6321 Datasheet HTML 17Page - Microchip Technology TC6321 Datasheet HTML 18Page - Microchip Technology TC6321 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
 2017 Microchip Technology Inc.
DS20005724A-page 15
TC6321
5.0
APPLICATION INFORMATION
The TC6321 N- and P-MOSFET pair is designed for a
wide range of switching and amplifying applications
where high-voltage, high-current drive and fast
switching speeds are required, especially for medical
ultrasound applications.
A typical application pairs the TC6321 with any of
MD12xx, MD17xx, or MD18xx ultrasound family
MOSFET Drivers in order to form a high-speed and
high-voltage (+/–100V 2.5A) pulser circuit. Figure 5-1
illustrates the application circuit digram for a two level
pulser.
FIGURE 5-1:
TC6321 - Application Circuit Diagram.
+100V
TC6321
-100V
VDD VH
VSS
VL
OE
INA
INB
10 nF
10 nF
MD12XX, MD17XX,
MD18XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com