Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3541 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 16Page - Texas Instruments ADC3541 Datasheet HTML 17Page - Texas Instruments ADC3541 Datasheet HTML 18Page - Texas Instruments ADC3541 Datasheet HTML 19Page - Texas Instruments ADC3541 Datasheet HTML 20Page - Texas Instruments ADC3541 Datasheet HTML 21Page - Texas Instruments ADC3541 Datasheet HTML 22Page - Texas Instruments ADC3541 Datasheet HTML 23Page - Texas Instruments ADC3541 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
7.3.1.2 Analog Front End Design
The ADC354x is an unbuffered ADC and thus a passive kick-back filter is recommended to absorb the glitch
from the sampling operation. Depending on if the input is driven by a balun or a differential amplifier with low
output impedance, a termination network may be needed. Additionally a passive DC bias circuit is needed in AC-
coupled applications which can be combined with the termination network.
7.3.1.2.1 Sampling Glitch Filter Design
The front end sampling glitch filter is designed to optimize the SNR and HD3 performance of the ADC. The filter
performance is dependent on input frequency and therefore the following filter designs are recommended for
different input frequency ranges as shown in Figure 7-3 and Figure 7-4.
100 pF
33
10
33
10
180nH
180nH
Termination
Figure 7-3. Sampling glitch filter example for input frequencies from DC to 30 MHz
Termination
82 pF
33
10
10
120nH
100pF
33
120nH
100pF
Figure 7-4. Sampling glitch filter example for input frequencies from 30 to 70 MHz
7.3.1.2.2 Single Ended Input
The ADC can be configured to operate with single ended input instead of differential using just the positive signal
input. This operating mode must be enabled via SPI register write (address 0x11). The single ended signal is
connected to the positive ADC input and both the positive and negative input need to be biased to VCM as
shown in Figure 7-5.
INP
INM
R
C
V
CM
INP
0V
0.56V
-0.56V
V
CM
0.56V
-0.56V
V
CM
C
INM
V
CM
C
Figure 7-5. Single ended analog input: AC coupled (left) and DC coupled (right)
The signal swing is now reduced by 6-dB (single ended input with 1.125 Vpp vs differential 2.25 Vpp), and the
resulting SNR is reduced by 3-dB.
ADC3541
SBAS840 – JULY 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com