Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3541 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 35Page - Texas Instruments ADC3541 Datasheet HTML 36Page - Texas Instruments ADC3541 Datasheet HTML 37Page - Texas Instruments ADC3541 Datasheet HTML 38Page - Texas Instruments ADC3541 Datasheet HTML 39Page - Texas Instruments ADC3541 Datasheet HTML 40Page - Texas Instruments ADC3541 Datasheet HTML 41Page - Texas Instruments ADC3541 Datasheet HTML 42Page - Texas Instruments ADC3541 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
7.3.5.5.1 Configuration Example
The following is a step by step programming example to configure the ADC354x to complex decimation by 8 with
1-wire serial CMOS and 16-bit output.
1. 0x07 (address) 0x6C (load bit mapper configuration for 16-bit output with 1-wire serial CMOS)
2. 0x13 0x01, wait 1 ms, 0x13 0x00 (load e-fuse)
3. 0x0A 0xFF, 0x0B 0xFF, 0x0C 0xFD (power down unused CMOS output buffers to avoid contention)
4. 0x18 0x10 (DCLKIN EN for serial CMOS mode)
5. 0x19 0x82 (configure FCLK)
6. 0x1B 0x0A (select 16-bit output resolution)
7. 0x1F 0x50 (DCLKIN EN for serial CMOS mode)
8. 0x20 0xFF, 0x21 0xFF, 0x22 0x0F (configure FCLK pattern)
9. 0x24 0x06 (enable decimation filter)
10.0x25 0x30 (configure complex decimation by 8)
11.0x2A/B/C/D and 0x31/32/33/34 (program NCO frequency)
12.0x27/0x2E 0x08 (configure Q-delay register bit)
13.0x26 0xAA, 0x26 0x88 (set digital mixer gain to 6-dB and toggle the mixer update)
7.3.6 Test Pattern
In order to enable in-circuit testing of the digital interface, the following test patterns are supported and enabled
via SPI register writes (0x14/0x15/0x16). In decimation mode (real and complex), the test patterns replace the
output data of the DDC - however channel A controls the test patterns for both channels.
• RAMP Pattern: The step size is set in the CUSTOM PAT register according to the native ADC resolution.
• Custom, constant Pattern
7.3.7 Temperature Sensor
The ADC354x includes an on-chip temperature sensor with a typical accuracy of ± 2°C. The die temperature can
be measured and the temperature read out via SPI using the following programming steps (address/data):
1. 0x10 0x04 (enable temperature conversion)
2. 0x08 0x08 (enable temperature sensor)
3. 0x0F 0x03 (configure temperature sensor clock speed)
4. Read back 9-bit temperature value from 0x05 (D0) and 0x06 (D7-D0)
The die temperature is interpreted the following way:
The 9-bit read out value corresponds to the on-chip temperature in °C as illustrated in Table 7-11. The MSB
contains the sign bit (+ or -) while the 8 LSBs contain the temperature value. For example 0x019 corresponds to
+ 25°C and 0x119 to - 25°C.
Table 7-11. Die temperature register value
DIE TEMP [8:0]
[8]
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Sign
8-bit die temperature value
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com