Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3541 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 1 Page - Texas Instruments

  ADC3541 Datasheet HTML 1Page - Texas Instruments ADC3541 Datasheet HTML 2Page - Texas Instruments ADC3541 Datasheet HTML 3Page - Texas Instruments ADC3541 Datasheet HTML 4Page - Texas Instruments ADC3541 Datasheet HTML 5Page - Texas Instruments ADC3541 Datasheet HTML 6Page - Texas Instruments ADC3541 Datasheet HTML 7Page - Texas Instruments ADC3541 Datasheet HTML 8Page - Texas Instruments ADC3541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
1 Features
• 14-bit 10/25/65 MSPS ADC
• Noise floor: –155 dBFS/Hz
• Ultra-low power with optimized power scaling:
36 mW (10 MSPS) to 79 mW (65 MSPS)
• Latency: 1 clock cycle
• INL: ±0.5 LSB; DNL: ±0.05 LSB
• Reference: external or internal
• Input Bandwidth: 400 MHz (3-dB)
• Industrial temperature range: –40°C to +105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• SDR/DDR and Serial CMOS interface
• Small footprint: 40-VQFN (5 mm × 5 mm) package
• Single 1.8-V supply
• Spectral Performance (fIN = 10 MHz):
– SNR: 79.0 dBFS
– SFDR: 90 dBc HD2, HD3
– SFDR: 100 dBFS Worst Spur
• Spectral Performance (fIN = 70MHz):
– SNR: 75.0 dBFS
– SFDR: 70 dBc HD2, HD3
– SFDR: 90 dBFS Worst Spur
2 Applications
• High-speed data acquisition
• Industrial monitoring
• Thermal imaging
• Imaging and sonar
• Software defined radio
• Power quality analysis
• Communications infrastructure
• High-speed control loops
• Instrumentation
• Smart grids
• Spectroscopy
• Radar
3 Description
The ADC3541, ADC3542 and ADC3543 (ADC354x)
family of devices are low-noise, ultra-low power, 14-
bit, 10 to 65-MSPS, high-speed analog-to-digital
converters (ADCs). Designed for low power
consumption, these devices deliver a noise spectral
density of –155 dBFS/Hz. The ADC354x offers great
dc precision together with IF sampling support, which
make these devices an excellent choice for a wide
range of applications. High-speed control loops
benefit from the short latency of only one clock cycle.
The ADC consumes only 79 mW at 65 MSPS, and the
power consumption scales very well with lower
sampling rates.
The ADC354x uses an SDR, DDR or a serial CMOS
interface to output the data offering the lowest power
digital interface, together with the flexibility to
minimize the number of digital interconnects. These
devices are a pin-to-pin compatible family with
different speed grades. These devices support the
extended industrial temperature range of –40°C to
+105⁰C.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
ADC354x
VQFN (40)
5.00 mm × 5.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
Device Comparison
PART NUMBER
RESOLUTION
SAMPLING RATE
ADC3543(1)
14 bit
65 MSPS
ADC3542(1)
14 bit
25 MSPS
ADC3541
14 bit
10 MSPS
(1)
Product Preview
N
NCO
AIN
CLK
VREF
ADC
14bit
1.2V REF
REFBUF
Digital Downconverter
0.95V
VCM
DCLK
D0..15
TEMP
Sensor
Dig I/F
CMOS
Figure 3-1. ADC354x Block Diagram
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: ADC3541
ADC3541
SBAS840 – JULY 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - ADC3541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3541 TI-ADC3541 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3541 TI-ADC3541 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
ADC3541 TI-ADC3541 Datasheet
3Mb / 79P
ADC3544 14-bit, 125-MSPS, Low Noise, Low Power ADC
DECEMBER 2022
ADC3541IRSBR TI-ADC3541IRSBR Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3541IRSBR TI-ADC3541IRSBR Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
More results

Similar Description - ADC3541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3643 TI-ADC3643 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3563 TI-ADC3563 Datasheet
4Mb / 75P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3583 TI-ADC3583 Datasheet
4Mb / 75P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
ADC3563 TI-ADC3563_V01 Datasheet
4Mb / 74P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
ADC3643 TI-ADC3643_V01 Datasheet
4Mb / 77P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
ADC3541 TI-ADC3541_V01 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
APRIL 2022
ADC3641 TI-ADC3641 Datasheet
4Mb / 87P
ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
MAY 2022
ADC3561 TI-ADC3561 Datasheet
5Mb / 85P
ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
REVISED OCTOBER 2022
ADC3581 TI-ADC3581 Datasheet
5Mb / 85P
ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
REVISED OCTOBER 2022
ADC3541 TI-ADC3541_V02 Datasheet
5Mb / 86P
ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com