Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3541 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 32Page - Texas Instruments ADC3541 Datasheet HTML 33Page - Texas Instruments ADC3541 Datasheet HTML 34Page - Texas Instruments ADC3541 Datasheet HTML 35Page - Texas Instruments ADC3541 Datasheet HTML 36Page - Texas Instruments ADC3541 Datasheet HTML 37Page - Texas Instruments ADC3541 Datasheet HTML 38Page - Texas Instruments ADC3541 Datasheet HTML 39Page - Texas Instruments ADC3541 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
7.3.5 Digital Interface
The ADC354x family supports two different CMOS output modes - parallel SDR/DDR output and serialized
CMOS output formats.
7.3.5.1 Parallel CMOS Output
The low power CMOS interface supports single data rate (SDR) and double data rate (DDR) output options. In
SDR and DDR output mode the output clock is generated inside the ADC354x. The different interface options
are configured using SPI register writes.
7.3.5.2 Serialized CMOS output
In this mode the output data is serialized and transmitted over 2 or 1 wires. Due to CMOS output speed limitation
this mode is only available for reduced output data rates. This mode is similar to the multi-SPI interface.
7.3.5.2.1 SDR Output Clocking
The ADC354x provides a SDR output clocking option for all serial CMOS output modes (including decimation)
which is enabled using the SPI interface. In serial CMOS mode by default the data is output on rising and falling
edge of DCLK. In SDR clocking mode, DCLKIN has to be twice as fast as the default DCLKIN so that the output
data are clocked out only on DCLK rising edge.
Internally DCLKIN is divided by 2 for data processing and this operation can add 1 extra clock cycle latency to
the ADC latency.
Continous
Clock
Sample N
Latency (2 clock cycles)
Sample N+4
DCLKIN
tAD
tPD
DCLK
Sample N+1
Sample N+2
Sample N+3
Sample N+5
Sample N+6
Sample N
D12
D11
FCLK
Sample N+1
Sample N+2
Sample N-1
tCD
DCLKIN
SDR
DCLK
SDR
Figure 7-36. SDR Output Clocking
ADC3541
SBAS840 – JULY 2020
www.ti.com
36
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com