Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3541 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 28Page - Texas Instruments ADC3541 Datasheet HTML 29Page - Texas Instruments ADC3541 Datasheet HTML 30Page - Texas Instruments ADC3541 Datasheet HTML 31Page - Texas Instruments ADC3541 Datasheet HTML 32Page - Texas Instruments ADC3541 Datasheet HTML 33Page - Texas Instruments ADC3541 Datasheet HTML 34Page - Texas Instruments ADC3541 Datasheet HTML 35Page - Texas Instruments ADC3541 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
7.3.4.5 Output Formatting with Decimation
7.3.4.5.1 Parallel CMOS
In parallel CMOS mode, the ADC354x device supports complex decimation output with DDR CMOS interface
and real output with SDR and DDR CMOS interface as shown in Figure 7-32 (complex decimation) and Figure
7-33 (real decimation). In this illustration the output format is selected to 16-bit.
D15..0
DCLK
DCLK
Sample
NI
Sample
NQ
D15
(MSB)
D14
D2
D1
D0
Figure 7-32. Output Data Format in Complex Decimation
Table 7-4 illustrates the output interface data rate along with the corresponding DCLK frequency based on
complex decimation setting (N).
Furthermore the table shows an actual lane rate example with complex decimation by 4.
Table 7-4. Parallel CMOS Data Rate Examples with Complex Decimation
REAL/COMPLEX
DECIMATION
DECIMATION
SETTING
ADC SAMPLING RATE
DCLK
DOUT (MHz)
Complex
N
FS
FS x 2 / N
FS x 4 / N
4
65 MHz
32.5 MHz
65 MHz
ADC3541
SBAS840 – JULY 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com