Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3541 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 48Page - Texas Instruments ADC3541 Datasheet HTML 49Page - Texas Instruments ADC3541 Datasheet HTML 50Page - Texas Instruments ADC3541 Datasheet HTML 51Page - Texas Instruments ADC3541 Datasheet HTML 52Page - Texas Instruments ADC3541 Datasheet HTML 53Page - Texas Instruments ADC3541 Datasheet HTML 54Page - Texas Instruments ADC3541 Datasheet HTML 55Page - Texas Instruments ADC3541 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
Figure 7-54. Register 0x19
7
6
5
4
3
2
1
0
FCLK SRC
0
0
FCLK DIV
0
0
FCLK EN
TOG FCLK
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-30. Register 0x19 Field Descriptions
Bit
Field
Type
Reset
Description
7
FCLK SRC
R/W
0
User has to select if FCLK signal comes from ADC or from DDC
block. Here real decimation is treated same as bypass mode
0: FCLK generated from ADC. FCLK SRC set to 0 for DDC
bypass, real decimation mode and 1/2-w complex decimation
mode.
1: FCLK generated from DDC block. In complex decimation
mode only this bit needs to be set for 2-w and 1-w output
interface mode but NOT for 1/2-w mode.
6-5
0
R/W
0
Must write 0
4
FCLK DIV
R/W
0
This bit needs to be set to 1 for 2-w output mode in bypass
mode only (non decimation).
0: All output interface modes except 2-w bypass mode..
1: 2-w output interface mode.
3-2
0
R/W
0
Must write 0
1
FCLK EN
R/W
0
This bit enables FCLK output for CMOS output.
0: Data output pin is used for parallel output data.
1: Data output pin is used for FCLK output in serialized CMOS
mode.
0
0
R/W
0
Must write 0
Table 7-31. Configuration of FCLK SRC and FCLK DIV Register Bits vs Serial Interface
BYPASS/DECIMATION
SERIAL INTERFACE
FCLK SRC
FCLK DIV
Decimation Bypass/ Real Decimation
2-wire
0
1
1-wire
0
0
Complex Decimation
2-wire
1
0
1-wire
1
0
ADC3541
SBAS840 – JULY 2020
www.ti.com
52
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com