Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3541 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 27Page - Texas Instruments ADC3541 Datasheet HTML 28Page - Texas Instruments ADC3541 Datasheet HTML 29Page - Texas Instruments ADC3541 Datasheet HTML 30Page - Texas Instruments ADC3541 Datasheet HTML 31Page - Texas Instruments ADC3541 Datasheet HTML 32Page - Texas Instruments ADC3541 Datasheet HTML 33Page - Texas Instruments ADC3541 Datasheet HTML 34Page - Texas Instruments ADC3541 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
Normalized Frequency (Fs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-120
-100
-80
-60
-40
-20
0
Decb
Passband
Transition Band
Alias Band
Attn Spec
Figure 7-27. Decimation by 16 complex frequency
response
Normalized Frequency (Fs)
0
0.003
0.006
0.009
0.012
0.015
0.018
0.021
0.024
0.027
0.03
-0.2
-0.19
-0.18
-0.17
-0.16
-0.15
-0.14
-0.13
-0.12
-0.11
-0.1
Decb
Passband
Transition Band
Alias Band
Attn Spec
Figure 7-28. Decimation by 16 complex passband
ripple response
Normalized Frequency (Fs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-120
-100
-80
-60
-40
-20
0
Decb
Passband
Transition Band
Alias Band
Attn Spec
Figure 7-29. Decimation by 32 complex frequency
response
Normalized Frequency (Fs)
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
-0.25
-0.245
-0.24
-0.235
-0.23
-0.225
-0.22
-0.215
-0.21
-0.205
-0.2
Decb
Passband
Transition Band
Alias Band
Attn Spec
Figure 7-30. Decimation by 32 complex passband
ripple response
7.3.4.4 SYNC
The PDN/SYNC pin can be used to synchronize multiple devices using an external SYNC signal. The PDN/
SYNC pin can be configured via SPI (SYNC EN bit) from power down to synchronization functionality and is
latched in by the rising edge of the sampling clock as shown in Figure 7-31.
CLK
tS,SYNC
tH,SYNC
SYNC
Figure 7-31. External SYNC timing diagram
The synchronization signal is only required when using the decimation filter - either using the SPI SYNC register
or the PDN/SYNC pin. It resets internal clock dividers used in the decimation filter and aligns the internal clocks
as well as I and Q data within the same sample. If no SYNC signal is given the internal clock dividers will not be
synchronized, which can lead to a fractional delay across different devices. The SYNC signal also resets the
NCO phase and loads the new NCO frequency (same as the MIXER RESTART bit).
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com