Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3541 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 63 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 59Page - Texas Instruments ADC3541 Datasheet HTML 60Page - Texas Instruments ADC3541 Datasheet HTML 61Page - Texas Instruments ADC3541 Datasheet HTML 62Page - Texas Instruments ADC3541 Datasheet HTML 63Page - Texas Instruments ADC3541 Datasheet HTML 64Page - Texas Instruments ADC3541 Datasheet HTML 65Page - Texas Instruments ADC3541 Datasheet HTML 66Page - Texas Instruments ADC3541 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
DC/DC
Regulator
5V-12V
LDO
GND
GND
AVDD
IOVDD
FB
FB
FB
47uF
47uF
10uF 10uF
0.1uF
10uF 10uF
0.1uF
2.1V
1.8V
FB = Ferrite bead filter
GND
GND
Figure 9-2. Example: LDO Linear Regulator Approach
DC/DC
Regulator
5V-12V
GND
GND
AVDD
IOVDD
EMI FILTER
FB
FB
10uF 10uF
0.1uF
10uF 10uF
0.1uF
1.8V
GND
10uF 10uF 10uF
Ripple filter notch frequency to match switching frequency of the DC/DC regulator
FB = Ferrite bead filter
Figure 9-3. Example Switcher-Only Approach
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com