Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3541 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 41Page - Texas Instruments ADC3541 Datasheet HTML 42Page - Texas Instruments ADC3541 Datasheet HTML 43Page - Texas Instruments ADC3541 Datasheet HTML 44Page - Texas Instruments ADC3541 Datasheet HTML 45Page - Texas Instruments ADC3541 Datasheet HTML 46Page - Texas Instruments ADC3541 Datasheet HTML 47Page - Texas Instruments ADC3541 Datasheet HTML 48Page - Texas Instruments ADC3541 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
Figure 7-43. Register 0x07
7
6
5
4
3
2
1
0
OP IF MAPPER
0
OP IF EN
OP IF SEL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-17. Register 0x07 Field Descriptions
Bit
Field
Type
Reset
Description
7-5
OP IF MAPPER
R/W
000
This register contains the proper output interface bit mapping for
the different interfaces. The interface bit mapping is internally
loaded from e-fuses and also requires a fuse load command to
go into effect (0x13, D0). Register 0x07 along with the E-Fuse
Load (0x13, D0) needs to be loaded first in the programming
sequence since the E-Fuse load resets the SPI writes.
After initial reset the default output interface variant is loaded
automatically from fuse internally. However when reading back
this register reads 000 until a value is written using SPI.
001: 2-wire, 18 and 14-bit
010: 2-wire, 16-bit
011: 1-wire
100: 0.5-wire
101: DDR
110: SDR
4
0
R/W
0
Must write 0
3
OP IF EN
R/W
0
Enables changing the default output interface mode (D2-D0).
2-0
OP IF SEL
R/W
000
Selects the output interface mode. OP IF EN (D3) needs to be
enabled also.After initial reset the default output interface is
loaded automatically from fuse internally. However when reading
back this register reads 000 until a value is written using SPI.
000: SDR CMOS
001: DDR CMOS
011: 2-wire
100: 1-wire
101: 0.5-wire
others: not used
Figure 7-44. Register 0x08
7
6
5
4
3
2
1
0
0
0
PDN CLKBUF
PDN REFAMP
TEMPS EN
PDN A
1
PDN GLOBAL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-18. Register 0x08 Field Descriptions
Bit
Field
Type
Reset
Description
7-6
0
R/W
0
Must write 0
5
PDN CLKBUF
R/W
0
Powers down sampling clock buffer
0: Clock buffer enabled
1: Clock buffer powered down
4
PDN REFAMP
R/W
0
Powers down internal reference gain amplifier
0: REFAMP enabled
1: REFAMP powered down
3
TEMPS EN
R/W
0
Enables temperature sensor
0: Temperature sensor powered down
1: Temperature sensor enabled
2
PDN A
R/W
0
Powers down ADC channel A
0: ADC channel A enabled
1: ADC channel A powered down
1
1
R/W
1
Must write 1
0
PDN GLOBAL
R/W
0
Global power down via SPI
0: Global power disabled
1: Global power down enabled. Power down mask (register
0x0D) determines which internal blocks are powered down.
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com