Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3541 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 42Page - Texas Instruments ADC3541 Datasheet HTML 43Page - Texas Instruments ADC3541 Datasheet HTML 44Page - Texas Instruments ADC3541 Datasheet HTML 45Page - Texas Instruments ADC3541 Datasheet HTML 46Page - Texas Instruments ADC3541 Datasheet HTML 47Page - Texas Instruments ADC3541 Datasheet HTML 48Page - Texas Instruments ADC3541 Datasheet HTML 49Page - Texas Instruments ADC3541 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
Figure 7-45. Register 0x0A/B/C
7
6
5
4
3
2
1
0
CMOS OB DIS [23:0]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-19. Register 0x0A/B/C Field Descriptions
Bit
Field
Type
Reset
Description
7:0
CMOS OB DIS [23:0]
R/W
0
These register bits power down the individual CMOS output
buffers. See Table 7-20 for the actual bit to pin mapping. Unused
pins should be powered down (ie set to 1) for maximum power
savings.
There is a separate control to enable the DCLKIN buffer in
register 0x1F (D6) and 0x18 (D4). DCLK output buffer is
powered down using register 0x1F (D4).
NOTE: When using serial CMOS interface the CMOS output
buffer (D3/DB1) has to be powered down because it shares the
pin with DCLKIN.
0: Output buffer enabled
1: Output buffer powered down
Table 7-20. Output buffer enable bit mapping vs output interface mode
ADDRESS (HEX)
BIT
PIN NAME
SDR CMOS
DDR CMOS
SCMOS 2-w
SCMOS 1-w
0x0A
D7
D7
D7
D7
-
-
D6
-
-
-
-
-
D5
-
-
-
-
-
D4
D4
D4
-
-
-
D3
D3
D3
-
DCLKIN
DCLKIN
D2
D2
D2
-
-
-
D1
D1
D1
-
-
-
D0
D0
D0
-
-
-
Register setting
0x60
0x7F
0xFF
0xFF
0x0B
D7
D13
D13
-
-
-
D6
D14
D14
-
-
-
D5
D15
D15
-
-
-
D4
FCLK
-
-
FCLK
FCLK
D3
-
-
-
-
-
D2
-
-
-
-
-
D1
-
-
-
-
-
D0
D8
D8
D8
-
-
Register setting
0x1E
0xFE
0xEF
0xEF
0x0C
D7
D10
D10
D10
-
-
D6
D9
D9
D9
-
-
D5
D6
D6
D6
-
-
D4
D5
D5
D5
-
-
D3
-
-
-
-
-
D2
-
-
-
-
-
D1
D11
D11
D11
D11
D11
D0
D12
D12
D12
D12
-
Register setting
0x0C
0x0C
0xFC
0xFD
ADC3541
SBAS840 – JULY 2020
www.ti.com
46
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com