Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3541 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3541
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 3Page - Texas Instruments ADC3541 Datasheet HTML 4Page - Texas Instruments ADC3541 Datasheet HTML 5Page - Texas Instruments ADC3541 Datasheet HTML 6Page - Texas Instruments ADC3541 Datasheet HTML 7Page - Texas Instruments ADC3541 Datasheet HTML 8Page - Texas Instruments ADC3541 Datasheet HTML 9Page - Texas Instruments ADC3541 Datasheet HTML 10Page - Texas Instruments ADC3541 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
6.6 Electrical Characteristics - DC Specifications
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –
40°C to TMAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD, IOVDD = 1.8 V, and –1-
dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
No missing codes
14
bits
ADC3541 - 10 MSPS: DC ACCURACY
DNL
Differential nonlinearity
FIN = 1 MHz
TBD
± 0.1
± 0.25
LSB
INL
Integral nonlinearity
FIN = 1 MHz
TBD
± 0.6
± 0.8
LSB
VOS_ERR
Offset error
TBD
8
TBD
LSB
VOS_DRIFT
Offset drift over temperature
TBD
TBD
0.1
LSB/ºC
GAINERR
Gain error
External 1.6 V reference
TBD
0.05
TBD
%FSR
GAINDRIFT
Gain drift over temperature
External 1.6 V reference
TBD
TBD
10
ppm/ºC
GAINERR
Gain error
Internal reference
TBD
TBD
TBD
%FSR
GAINDRIFT
Gain drift over temperature
Internal reference
TBD
TBD
TBD
dB
Transition Noise
1.1
LSBRMS
ADC3542 - 25 MSPS: DC ACCURACY
DNL
Differential nonlinearity
FIN = 1 MHz
TBD
± 0.1
± 0.25
LSB
INL
Integral nonlinearity
FIN = 1 MHz
TBD
± 0.6
± 0.8
LSB
VOS_ERR
Offset error
TBD
8
TBD
LSB
VOS_DRIFT
Offset drift over temperature
TBD
TBD
0.1
LSB/ºC
GAINERR
Gain error
External 1.6 V reference
TBD
0.05
TBD
%FSR
GAINDRIFT
Gain drift over temperature
External 1.6 V reference
TBD
TBD
10
ppm/ºC
GAINERR
Gain error
Internal reference
TBD
TBD
TBD
%FSR
GAINDRIFT
Gain drift over temperature
Internal reference
TBD
TBD
TBD
dB
Transition Noise
1.1
LSBRMS
ADC3543 - 65 MSPS: DC ACCURACY
DNL
Differential nonlinearity
FIN = 1 MHz
TBD
± 0.1
± 0.25
LSB
INL
Integral nonlinearity
FIN = 1 MHz
TBD
± 0.6
± 0.8
LSB
VOS_ERR
Offset error
TBD
21
TBD
LSB
VOS_DRIFT
Offset drift over temperature
TBD
TBD
0.1
LSB/ºC
GAINERR
Gain error
External 1.6 V reference
TBD
0.83
TBD
%FSR
GAINDRIFT
Gain drift over temperature
External 1.6 V reference
TBD
TBD
10
ppm/ºC
GAINERR
Gain error
Internal reference
TBD
TBD
TBD
%FSR
GAINDRIFT
Gain drift over temperature
Internal reference
TBD
TBD
TBD
dB
Transition Noise
1.1
LSBRMS
ADC ANALOG INPUT (AINP/M)
FS
Input full scale
Default, differential
2.25
Vpp
VCM
Input common mode voltage
0.85
0.95
1.05
V
RIN
Input resistance
Differential at DC
TBD
Ω
CIN
Input capacitance
Each pin to GND
TBD
pF
VOCM
Output common mode voltage
0.95
V
BW
Analog input bandwidth (-3dB)
400
MHz
CMRR
Common mode rejection ratio
FIN = 1 MHz
TBD
dB
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com