Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 13Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
IP178C
Preliminary Data Sheet
14/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
1
Pin description
Type
Description
I
Input pin
O
Output pin
IPL
Input pin with internal pull low
IPH
Input pin with internal pull high
Type
Description
IPL1
Input pin with internal pull low 22.8k ohm
IPH1
Input pin with internal pull high 22.8k ohm
IPL2
Input pin with internal pull low 92.6k ohm
IPH2
Input pin with internal pull high 113.8k ohm
Pin No.
Label
Type
Description
Analog
52
REG_OUT
O
Regulator output voltage
The internal regulator uses pin83/pin92 VCC_O as reference
voltage to control external transistor to generate a voltage
source between 1.80v ~ 2.05v..
If pin 53 EXTMII_EN is pulled high, then pin83/pin92 VCC_O
should be connected to 3.3v to generate 1.80v ~ 2.05v voltage
source.
If pin 53 EXTMII_EN is pulled low, then pin83/pin92 VCC_O
should be connected to 2.5v to generate 1.80v ~ 2.05v voltage
source.
17
BGRES
I
Band gap resister
It is connected to GND through a 6.19k (1%) resistor in
application circuit.
115, 116,
127, 126,
2, 3, 14,
13, 22,
23, 34,
33, 38,
39, 50,
49
RXIP0~7
RXIM0~7
I
TP receive
119, 120,
123, 122,
6, 7, 10,
9, 26, 27,
30, 29,
42, 43,
46, 45
TXOP0~7
TXOM0~7
O
TP transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com