Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
IP178C
Preliminary Data Sheet
21/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
Pin description (continued)
Pin no.
Label
Type
Description
Advance operation parameter setting of switch engine
77
BCSTF
IPL1
Broadcast frame option
1: Packets with DA equal to FFFFFFFF are handld as broadcast
frame in broadcast protection function,
0: Packets with DA equal to FFFFFFFF or multi-cast frames are
handld as broadcast frame in broadcast protection function.
The function is valid only if pin 53 EXTMII_EN is pulled low.
Programming MII register 31.30.12 will overwrite the setting.
78
FILTER_DA
IPL1
Reserved address forward option
Filter packets with specific DA from 01-80-c2-00-00-02 to
01-80-c2-00-00-0f.
Packets
with
specific
DA
equal
to
01-80-c2-00-00-01 are always filtered regardless the setting of
this pin.
1: filter, 0: forward (defaut)
The function is valid only if pin 53 EXTMII_EN is pulled low.
101
LONG_PKT_DIS
IPH2
Max packet size option
1: Drop packets with length longer than 1536 bytes
0: Drop packets with length longer than 1552 bytes
TP setting
90
MDI_MDIX_EN
IPH1
/O
MDI/MDI-X enable
MDI/MDI-X auto cross over
1: enable (default), 0:disable
It is an input signal during reset and its value is latched at the
end of reset to set auto MDI/MDIX function. It is link LED of port
6 after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com