Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 53Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 56Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 57Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 58Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 59Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 60Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
IP178C
Preliminary Data Sheet
57/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
PHY
MII
ROM
R/W
Description
Default
30
1[5]
2[5]
MLT3_DET
Ability for detecting MLT3 (for 10 Mbps switch to 100 Mbps)
0: disable MLT3 detection ability (default)
1: enable MLT3 detection ability.
P(0)
AGING. Aging time of address table selection
An address tag in hashing table will be removed if this
function is turned on and its aging timer expires.
Aging time
note
00
no aging
01
30s
10
300s
default
30
1[3:2]
2[3:2]
11
reserved
P(1,0)
30
1[1]
2[1]
MODBCK. Turn on modified back off algorithm
The maximum back off period is limited to 8-slot time if this
function is turned on.
1: turn on, 0: turn off
P(1)
30
1[0]
2[0]
Drop extra long packet
Max forwarded packet length
0: 1536 bytes (default)
1: 1552 bytes
P(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com