Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 13Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
IP178C
Preliminary Data Sheet
Pin description (continued)
Pin No.
Label
Type
Description
Misc.
36
NC
(FXSD6)
(for IP178CH only)
54
OSCI
I
25Mhz system clock
It is recommended to connect OSCI and X2 to a 25M crystal.
If the clock source is from another chip or oscillator, the clock
should be active at least for 1ms before pin 64 RESETB
de-asserted.
Pin 55 X2 should be left open in this application.
55
X2
O
Crystal pin
A 25Mhz crystal can be connected to OSCI and X2.
64
RESETB
I
Reset
It is low active. It must be hold for more than 1ms. It is Schmitt
trigger input. If a R/C reset circuit is used, the capacitor should
be connected to VCC_O as shown in the figure.
VCC_O
GND
R
RESETB
C
84
LOW_10M_DIS
Or
SCA_DIS
IPH2
LOW_10M_DIS or SCA_DIS
If pin 73 SEL_SCA is pull low, then pin 84 is LOW_10M_DIS.
If pin 73 SEL_SCA is pull high, then pin 84 is SCA_DIS.
For LOW_10M_DIS
1: disable power saving mode, the 10M transmit amplitude is
depressed in this mode. (default)
0: enable power saving mode
For SCA_DIS
1: Disable smart cable analysis function (default).
0: Enable smart cable analysis function.
EEPROM
104
SCL
IPL2
/O
Clock of EEPROM
After reset, it is used as clock pin SCL of EEPROM. After
reading EEPROM, this pin becomes an input pin. Its period is
longer than 10us.
IP178C stops reading the rest data in EEPROM if the first two
bytes in EEPROM aren’t 55AA.
15/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com