Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
IP178C
Preliminary Data Sheet
33/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
2.4
Port base VLAN
IP178C supports port base VLAN functions. It separates IP178C into some groups (VLAN). A port is
limited to communicate with other ports within the same group when the function is enabled. Frames will
be limited in a VLAN group and will not be forwarded out of this VLAN group. A port can be assigned to
one or more VLAN groups. The members (ports) of a VLAN group are assigned by programming
EEPROM register 64[7:0]~81[7:0], or MII register 31.0[8:0]~31.8[8:0].
The VLAN function can be active even if there is no EEPROM. IP178C supports an easy way to enable a
sub set VLAN function without programming registers. A default configuration of VLAN is adopted if pin
79 VLAN_ON is pulled high. The VLAN guration is shown in the following table. The setting in register
takes precedence of the setting on pins.
VLAN_ON
EXTMII_EN
Configuration
0
X
Function disabled
1
0
VLAN groups:
(P0, P7), (P1, P7), (P2, P7), (P3, P7),
(P4, P7), (P5, P7), (P6, P7)
1
1
VLAN groups:
(P0, MII), (P1, MII), (P2, MII), (P3, MII),
(P4, MII), (P5, MII), (P6, MII), (P7, MII)
Note: P0 means port 0. P7 means port7. MII means MII port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com