Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IP178CLF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
IP178C
Preliminary Data Sheet
3/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
Revision History
Revision #
Change Description
IP178C-DS-R01
Initial release.
IP178C-DS-R02
1.
Modify Pin diagram in page 9, pin_89 from HASH_MODE[1]/LINK_LED7 to
MLT3_DET/LINK_LED7,pin 84 from LOW_10M_DIS to SCA_DIS, pin_36 from
SCA to NC, VCTRL to REG_OUT
2.
Replace VCTRL with REG_OUT
3.
Modify HASH_MODE [1] to MLT3_DET in page 17, 54 & 55
4.
Modify pin 84 from LOW_10M_DIS to SCA_DIS, pin_36 from SCA to NC
5.
Change BF_STM_THR_SEL [1:0] from 01: 128 frames to 126 frames in page 74
6.
Modify EXT MII Pin description in page 21, 22, 23
7.
"100M" change to "100 Mbps" and "10M" change to "10 Mbps".
8.
Modify PHY mode for only support one MIICLK on page 25
9.
Add in Thermal Data on page 85
10. Add in power consumption on page 80
11. P.54 PHY30.1[12] Default value=0, P.56 PHY30.2[7] Default value=0, P.56
PHY30.2[0] 為 FORCE_MODE -> BI_COLOR
12. 1.8V change 1.95V
IP178C-DS-R03
1.
Modify FILTER_DA, 01-80-c2-00-00-00 to 01-80-c2-00-00-02 on page 19
2.
Modify VLAN_ON function when Pin 53EXTMII_EN=1 on page 18
3.
Modify long packet enable function description on page 55
4.
Modify Backpressure type selection on page 54
5.
Modify RESETB CKT on page 14
6.
Modify HASH_MODE [0] to LDPS_DIS on page 17, 54
7.
Modify Pin type description on page 13
8.
Modify Pin 84 from SCA_DIS to LOW_10M_DIS or SCA_DIS on page 14
9.
Modify Pin 73 from LINK_Q to SEL_SCA on page 18
10. Modify Pin diagram on page 9, pin_87 from HASH_MODE [0] to LDPS_DIS,pin
84 from SCA_DIS to LOW_10M_DIS or SCA_DIS, pin_73 from LINK_Q to
SEL_SCA
IP178C-DS-R04
1.
Modify broadcast storm protection function on page 18, page 30, page 75
2.
Add BW control value setting on page 81
3.
Add BW control description on page 45
4.
Rearrange Index
5.
Add special_add_forward description on page 81
6.
Add “The function is valid only if pin 53 EXTMII_EN is pulled low.” To pin 75, 76,
77, 78, 85, 86, 87
7.
Add Note on page 1 for CPU support
IP178C-DS-R05
1.
Add the order information for lead free package
IP178C-DS-R06
1.
Add IP178C.RX_DV connect to MAC.RX_DV and MAC.CRS on page 27
IP178C-DS-R07
1.
All ports unlink on page 84 for VCC
2.
Modify VCC min form 1.85V to 1.80V on page 84
3.
Modify regulator description on page 1 & 13
IP178C-DS-R08
1.
Revise the pin description.
2.
Modify Pin diagram of pin 85, 86, 96 and 97.
3.
Modify application diagram on page 10.
IP178C-DS-R08.1 1.
Add FXSD7 on page 26 FXSD6 on page 15
2.
Add fiber application for order information on page 90
3.
Add IP178CH
Pin diagram on page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com