Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 81Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 82Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 83Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 84Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 85Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 86Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 87Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 88Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
IP178C
Preliminary Data Sheet
3.3
AC Timing
3.3.1
PHY Mode MII Timing
a. Transmit Timing Requirements
Symbol
Description
Min.
Typ.
Max.
Unit
TTxClk
Transmit clock period 100 Mbps MII
-
40
-
ns
TsTxClk
TXEN, TXD to TXCLK setup time
2
-
-
ns
ThTxClk
TXEN, TXD to TXCLK hold time
0.5
-
-
ns
TXC L K
TXE N , TXD [3 :0 ]
T sTxClk
T hTxClk
T TxClk
b. Receive Timing
Symbol
Description
Min.
Typ.
Max.
Unit
TRxClk
Receive clock period 100 Mbps MII
-
40
-
ns
TRxClk
Receive clock period 10 Mbps MII
-
400
-
ns
TdRxClk
RXCLK falling edge to RXDV, RXD
1
-
4
ns
TdRxClk
RXCLK
RXDV, RXD[3:0]
TRxClk
85/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com