Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
IP178C
Preliminary Data Sheet
43/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
Special tag
IP178C supports special tag function to exchange switching information with CPU without involving VLAN
tag information. The special tag function is enabled by programming MII register 31.30[14] STAG_EN.
From CPU to switch
When special tag function is enabled, IP178C forwards packets from MII (CPU) by checking special tag
added by CPU. The tag definition is shown in the following table. IP178C will remove the special tag
81XX and re-calculate CRC when it forwards the packet to a un-tag field. IP178C will update the special
tag to 81XX and re-calculate CRC when it forwards the packet to a tag field.
Preamble
SFD
DA
SA
81XX(special tag)
Data
CRC
Special tag 81XX
bit [15:12]
bit[11:8]
bit[7:0]
8
1
0000_0001: instruct 178C forwards the packet to port 0
0000_0010: instruct 178C forwards the packet to port 1
0000_0100: instruct 178C forwards the packet to port 2
0000_1000: instruct 178C forwards the packet to port 3
0001_0000: instruct 178C forwards the packet to port 4
0010_0000: instruct 178C forwards the packet to port 5
0100_0000: instruct 178C forwards the packet to port 6
1000_0000: instruct 178C forwards the packet to port 7
From switch to CPU
When special tag function is enabled, IP178C sends packets to MII (CPU) with source port information
by adding special tag to the frame. IP178C will add the special tag 81XX and re-calculate CRC when it
receives the packet from a un-tag field. IP178C will update the tag 8100 to 81XX and re-calculate CRC
when it receives the packet from a tag field. The tag definition is shown in the following table.
Bit[15:12]
bit[11:8]
bit[7:0]
8
1
0000 0001: the source port of the packet is port 0
0000 0010: the source port of the packet is port 1
0000 0100: the source port of the packet is port 2
0000 1000: the source port of the packet is port 3
0001 0000: the source port of the packet is port 4
0010 0000: the source port of the packet is port 5
0100 0000: the source port of the packet is port 6
1000 0000: the source port of the packet is port 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com