Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
IP178C
Preliminary Data Sheet
47/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
2.15
Register descriptions
R/W = Read/Write, SC = Self-Clearing, RO = Read Only, LL = Latching Low, LH = Latching High
Basic MII registers of port 0
PHY
MII
ROM
R/W
Description
Default
MII control register (address 00)
0
0.15
--
Reset
0
0
0.14
--
R/W
Loop back
1 = Loop back mode
0 = normal operation
When this bit set, IP178C will be isolated from the network
media, that is, the assertion of TXEN at the MII will not
transmit data on the network. All MII transmission data will be
returned to MII receive data path in response to the assertion
of TXEN.
0
0
0.13
--
RW
Speed Selection
1 = 100 Mbpsbps
0 = 10 Mbpsbps
It is valid only if bit 0.12 is set to be 0.
1
0
0.12
--
RW
Auto-Negotiation Enable
1 = Auto-Negotiation Enable
0 = Auto-Negotiation Disable
1
0
0.11
--
R/W
Power Down
0
0
0.10
--
Isolate
0
0
0.9
--
RW
SC
Restart Auto- Negotiation
1 = re-starting Auto-Negotiation
0 = Auto-Negotiation re-start complete
Setting this bit to logic high will cause IP178C to restart an
Auto-Negotiation cycle, but depending on the value of bit 0.12
(Auto-Negotiation Enable). If bit 0.12 is cleared then this bit
has no effect, and it is Read Only. This bit is self-clearing after
Auto-Negotiation process is completed.
0
0
0.8
--
R/W
Duplex mode
1 = full duplex
0 = half duplex
It is valid only if bit 0.12 is set to be 0.
0
0
0.7
--
R/W
Collision test
0
0
0[6:0]
--
R/W
Write as 0, ignore on read
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com