Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
IP178C
Preliminary Data Sheet
32/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
2.3
Port locking
IP178C supports port locking. Each port can be configured individually by programming MII register
30.31[8:0] or EEPROM 63[0] and 62[7:0]. User has to reset IP178C by writing 16’h55AA to MII register
30.0 after enabling this function. IP178C locks first MAC address if the function is enabled. Any packet
with MAC address not equal to the locked one will be dropped.
User has to turn off aging function when using the port locking function. Aging function can be disabled
by pulling low pin 76 AGING or programming register 30.1[3:2].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com