Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP178CLF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
IP178C
Preliminary Data Sheet
1/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
8 Port 10/100 Ethernet Integrated Switch
Features
General Description
Support 1k MAC address
Support auto-polarity for 10 Mbps
Support filter/ forward special DA option
Support broadcast storm protection
Auto MDI-MDIX option
Support port security option to lock the first
MAC address
Support one MII/RMII port, which works at 100
Mbps full duplex for router application
Support port base VLAN & tag VLAN
Support CoS
Support SMART MAC function
Support spanning tree protocol
Support max forwarding packet length 1552/
1536 bytes option
Support 8-level bandwidth control
Support SCA
Built in linear regulator control circuit
Support Lead Free package (Please refer to
the Order Information)
Note – some features need CPU support, please
refer to the detail description inside this data sheet
IP178C integrates a 9-port switch controller,
SSRAM, and 8 10/100 Ethernet transceivers.
Each of the transceivers complies with the
IEEE802.3,
IEEE802.3u,
and
IEEE802.3x
specifications. The transceivers are designed in
DSP approach in 0.18um technology; they have
high noise immunity and robust performance.
IP178C operates in store and forward mode. It
supports flow control, auto MDI/MDI-X, CoS, port
base VLAN, bandwidth control, DiffServ, SMART
MAC and LED functions, etc. Each port can be
configured as auto-negotiation or forced 10
Mbps/100 Mbps, full/half duplexmode. Using an
EEPROM or pull up/down resistors on specific
pins can configure the desired options.
Besides an 8-port switch application, IP178C
supports one MII/RMII ports for router application,
which supports 7 LAN ports and one WAN port.
The external MAC can monitor or configure
IP178C by accessing MII registers through SMI.
MII/RMII port also can be configured to be MAC
mode. It is used to interface an external PHY to
work as an 8+1 switch.


Similar Part No. - IP178CLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP178CLF ETC2-IP178CLF Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
More results

Similar Description - IP178CLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC9208M ETC1-TC9208M Datasheet
1Mb / 53P
8-Port 10/100/1000 Smart Ethernet Switch
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
IP175G ETC2-IP175G Datasheet
752Kb / 69P
5 Port 10/100 Ethernet Integrated Switch
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
SW-508 BLACKBOX-SW-508 Datasheet
992Kb / 4P
Industrial 8 Port Ethernet Switch 10/100
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
Hardened 8 Port Ethernet Switch 10/100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com