Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 35 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 31Page - Analog Devices ADAV801 Datasheet HTML 32Page - Analog Devices ADAV801 Datasheet HTML 33Page - Analog Devices ADAV801 Datasheet HTML 34Page - Analog Devices ADAV801 Datasheet HTML 35Page - Analog Devices ADAV801 Datasheet HTML 36Page - Analog Devices ADAV801 Datasheet HTML 37Page - Analog Devices ADAV801 Datasheet HTML 38Page - Analog Devices ADAV801 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
ADAV801
Rev. 0 | Page 35 of 56
RES
F5
RxBCONF4
NF3
RxB
RxBCONF0
Table 26. Receiver Buffer Configuration Register
RES
RxBCON
RxBCO
CONF2–1
7
6
5
4
3
2, 1
0
ADDRESS = 0001011 (0x0B)
RxBCONF5
If the user bits are formatted according to the IEC60958-3 standard and the DAT category is detected, the user bit
enabled only when there is a change in the start (ID) bit.
interrupt is
0 = User bit interrupt is enabled in normal mode.
If the DAT category is detected, the user bit interrupt is enabled only if there is a change in the start (ID) bit.
termines whether Channel A and Channel B user bits are stored in the buffer together or separated
and B.
eceiver channel status is read, which is 192 audio frames.
of the receiver channel status block changes from the previous channel
IEC60958-3 standard.
xBCONF0
Defines the user bit buffer size, if RxBCONF2–1 = 01.
rt of the buffer.
a
1 =
RxBCONF4
This bit de
between A
0 = User bits are stored together.
1 = User bits are stored separately.
RxBCONF3
Defines the function of RxCSBINT.
0 = RxCSBINT are set when a new block of r
1 = RxCSBINT is set only if the first five bytes
status block.
RxBCONF2–1
Defines the user bit buffer.
e ignored.
00 = User bits ar
01 = Updates the second user bit buffer when the first user bit buffer is full.
10 = Formats the received user bits according to Byte 1, Bit 4 to Bit 7, of the channel status, if the PRO bit is set. If the
PRO bit is not set, formats the user bits according to the
11 = Reserved.
R
0 = 384 bits with Preamble Z as the sta
8 b
h Pr
st
1 = 76
its wit
eamble Z as the
rt of the buffer.
Table 27. Transmitter Control Register
RES
TxVALIDITY
TxRATIO2–0
TxCLKSEL1–0
TxENABLE
7
6
5, 4, 3
2, 1
0
ADDRESS = 0001100 (0x0C)
TxVALIDITY
This bit is used to set or clear the VALIDITY bit in the AES3/SPDIF transmit stream.
0 = Audio is suitable for D/A conversion.
1 = Audio is not suitable for D/A conversion.
TxRATIO2–0
Determines the AES3/SPDIF transmitter to AES3/SPDIF receiver ratio.
00 = Internal Clock 1 is the cl
01 = Internal Clock 2 is the clock source for the transmitter.
ce for the transmitter.
3/SPDIF transmitter is disabled.
000 = Transmitter to receiver ratio is 1:1.
001 = Transmitter to receiver ratio is 1:2.
010 = Transmitter to receiver ratio is 1:4.
101 = Transmitter to receiver ratio is 2:1.
110 = Transmitter to receiver ratio is 4:1.
TxCLKSEL1–0
Selects the clock source for the AES3/SPDIF transmitter.
ock source for the transmitter.
10 = Recovered PLL clock is the clock sour
11 = Reserved.
TxENABLE
Enables the AES3/SPDIF transmitter.
0 = AES
1 = AES3/SPDIF transmitter is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com