Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 12 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 8Page - Analog Devices ADAV801 Datasheet HTML 9Page - Analog Devices ADAV801 Datasheet HTML 10Page - Analog Devices ADAV801 Datasheet HTML 11Page - Analog Devices ADAV801 Datasheet HTML 12Page - Analog Devices ADAV801 Datasheet HTML 13Page - Analog Devices ADAV801 Datasheet HTML 14Page - Analog Devices ADAV801 Datasheet HTML 15Page - Analog Devices ADAV801 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
ADAV801
Rev. 0 | Page 12 of 56
FREQUENCY (kHz)
0
–50
–100
–150
0
192
384
576
768
Figure 9. DAC Composite Filter Response, 96 kHz
FREQUENCY (kHz)
0
–50
–100
–150
0
24487296
Figure 10. DAC Pass-Band Filter Response, 96 kHz
FREQUENCY (kHz)
0.10
0.05
0.00
–0.05
–0.10
0
2448
7296
Figure 11. DAC Filter Ripple, 96 kHz
FREQUENCY (kHz)
0
–50
–100
–150
–200
0
384
768
1152
1536
Figure 12. DAC Composite Filter Response, 192 kHz
FREQUENCY (kHz)
0
–2
–4
–6
–8
–10
48
64
80
96
Figure
2 kHz
13. DAC Pass-Band Filter Response, 19
FREQUENCY (kHz)
0.50
0.40
0.30
0.20
0.10
0.00
–0.10
–0.30
–0.40
–0.20
–0.50
0
8
16
32
64
Figure 14. DAC Fil r Ripple, 192 kHz
te



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com