Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 40 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 36Page - Analog Devices ADAV801 Datasheet HTML 37Page - Analog Devices ADAV801 Datasheet HTML 38Page - Analog Devices ADAV801 Datasheet HTML 39Page - Analog Devices ADAV801 Datasheet HTML 40Page - Analog Devices ADAV801 Datasheet HTML 41Page - Analog Devices ADAV801 Datasheet HTML 42Page - Analog Devices ADAV801 Datasheet HTML 43Page - Analog Devices ADAV801 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
ADAV801
Rev. 0 | Page 40 of 56
sk Register
RES
RES
RES
RES
OVRL Mask
sk
E_
Table 42. Sample Rate Converter Error Ma
RES
OVRR Ma
MUT
IND MASK
7
6
3
2
0
5
4
1
ADDRESS = 0011011 (0x1B)
OVRL Mask
Masks the OVRL from generating an interrupt.
0 = OVRL bit does not generate an interrupt.
1 = OVRL bit generates an interrupt.
OVRR Mask
Masks the OVRR from generating an interrupt.
ASK
interrupt.
0 = OVRR bit does not generate an interrupt.
1 = OVRR bit generates an interrupt. Reserved.
MUTE_IND M
Masks the MUTE_IND from generating an
0 = MUTE_IND bit does not generate an interrupt.
1 = MUTE_IND bit generates an interrupt.
Table 43. Interrupt St
TxCSINT
RxCSDIFF
RxUBINT
RxCSBINT
RxERROR
atus Register
SRCError
TxCSTINT
TxUBINT
7
6
5
4
3
2
1
0
ADDRESS = 0011100 (0x1C)
SRCError
This bit is set, if one of the sample rate converter interrupts is asserted, and the host should immediately read the
gh until the interrupt status register is read.
sample rate converter error register. This bit remains hi
TxCSTINT
This bit is set, if a write to the transmitter channel status buffer was made while transmitter channel status bits were
fer to the SPDIF transmit buffer.
his bit remains high until the interrupt status register is read.
it buffer has transmitted its block of channel status. This bit remains
ceiver Channel Status B clock. This bit
remains high until read, but does not generate an interrupt.
eiver user bit buffer has a new block or message. This bit remains high until the interrupt
RxCSBIN
it is set, if
block of c
tus is rea
O
0, or if the
s
when
BCONF3 = 1.
is bit remains
gh until the interrupt status register is read.
is set, if one of the AES3/SPDIF receiver interrupts is asserted, and the host should immediately read the
ins high until the interrupt status register is read.
being copied from the transmitter CS buf
TxUBINT
This bit is set, if the SPDIF transmit buffer is empty. T
TxCSINT
This bit is set, if the transmitter channel status b
high until the interrupt status register is read.
This bit is set, if the receiver Channel Status A block is different from the re
RxCSDIFF
RxUBINT
This bit is set, if the rec
status register is read.
T
This b
a new
hannel sta
d when RxBC NF3 =
channel status ha changed
Rx
Th
hi
RxERROR
This bit
receiver error register. This bit rema



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com