Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 13 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 9Page - Analog Devices ADAV801 Datasheet HTML 10Page - Analog Devices ADAV801 Datasheet HTML 11Page - Analog Devices ADAV801 Datasheet HTML 12Page - Analog Devices ADAV801 Datasheet HTML 13Page - Analog Devices ADAV801 Datasheet HTML 14Page - Analog Devices ADAV801 Datasheet HTML 15Page - Analog Devices ADAV801 Datasheet HTML 16Page - Analog Devices ADAV801 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
ADAV801
Rev. 0 | Page 13 of 56
FREQUENCY (kHz)
0
–20
–40
–80
–100
–60
–120
–140
–160
0
2
4
6
8
10
12
141618
20
DNR = 102dB
(A-Weighted)
Fig
Hz
ure 15. DAC Dynamic Range, fS = 48 k
FREQUENCY (kHz)
0
–20
–40
–80
–100
–60
–120
–140
–160
0246
8
10
12
14
16
18
20
THD+N = 96dB
Figure 16. DAC THD + N, fS = 48 kHz
FREQUENCY (kHz)
0
–20
–40
–80
–100
–60
–120
–140
–160
0
5
10
15
20
25
30
35
40
45 48
DNR = 102dB
(A-Weighted)
Figure 17. DAC Dynamic Range, fS = 96 kHz
FREQUENCY (kHz)
0
–20
–40
–80
–100
–60
–120
–140
–160
0
5
10
15
20
25
30
35
40
45 48
THD+N = 95dB
Figure 18. DAC THD + N, fS = 96 kHz
FREQUENCY (kHz)
0
–20
–40
–80
–100
–60
–120
–140
–160
0
5
10
15
20
DNR = 102dB
(A-Weighted)
Figure 19. ADC Dynam c Range, fS = 48 kHz
i
FREQUENCY (kHz)
0
–20
–40
–80
–100
–60
–120
–140
–160
0
5
10
15
20
THD+N = 92dB
(VIN = –3dB)
Figure 20. DAC THD + N, fS = 48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com