Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 36 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 32Page - Analog Devices ADAV801 Datasheet HTML 33Page - Analog Devices ADAV801 Datasheet HTML 34Page - Analog Devices ADAV801 Datasheet HTML 35Page - Analog Devices ADAV801 Datasheet HTML 36Page - Analog Devices ADAV801 Datasheet HTML 37Page - Analog Devices ADAV801 Datasheet HTML 38Page - Analog Devices ADAV801 Datasheet HTML 39Page - Analog Devices ADAV801 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
ADAV801
Rev. 0 | Page 36 of 56
TxBCONF3
TxBCONF2–1
TxBCONF0
Table 28. Transmitter Buffer Configuration Register
IU_Zeros3–0
7, 6, 5, 4
3
2, 1
0
ADDRESS = 0001101 (0x0D)
IU_Zeros3–0
Determines the number of zeros to be stuffed between IUs in a message up to a maximum of 8.
0000 = 0.
11 = 7.
8.
ser bits.
size is configured according to TxBCONF0.
ter user bits when TxBCONF2–1 is 01.
s with Preamble Z as the start of the buffer.
0001 = 1.
…
01
1000 =
TxBCONF3
Transmitter user bits can be stored in separate buffers or stored together.
0 = User bits are stored together.
1 = User bits are stored separately.
TxBCONF2–1
Configures the transmitter user bit buffer.
00 = Zeros are transmitted for the u
01 = Transmitter user bit buffer
10 = User bits are written to the transmit buffer in IUs specified by the IEC60958-3 standard.
11 = Reserved.
TxBCONF0
Determines the buffer size of the transmit
0 = 384 bits with Preamble Z as the start of the buffer.
1 = 768 bit
Table 29. Channel Status Switch Buffer and Transmitter
Disable_Tx_Copy
RES
RES
TxCSSWITCH
RxCSSWITCH
RES
RES
Tx_A/B_Same
7
6
5
4
3
2
1
0
ADDRESS = 0001110 (0x0E)
Tx_A/B_Same
Transmitter Channel Status A and B are the same. The transmitter reads only from the Channel Status A buffer and
s the data into t
place
he Channel Status B buffer.
0 = Channel status for A and B are separate.
nnel status for A and B are the same.
nsmitter channel status buffer to the SPDIF transmitter
0 = Copying transmitter channel status is enabled.
tus is disabled.
channel status buffer.
itter Channel Status A buffer can be accessed at address locations 0x38 through 0x4F.
yte Transmitter Channel Status B buffer can be accessed at address locations 0x38 through 0x4F.
0 = 24-byte Receiver Channel Status A buffer can be accessed at address locations 0x20 through 0x37.
1 = 24-byte Receiver Channel Status B buffer can be accessed at address locations 0x20 through 0x37.
1 = Cha
Disable_Tx_Copy
Disables the copying of the channel status bits from the tra
buffer.
1 = Copying transmitter channel sta
TxCSSWITCH
Toggle switch for the transmit
0 = 24-byte Transm
1 = 24-b
RxCSSWITCH
Toggle switch for the receive channel status buffer.
Table 30. Transmitte
t Significant Byte
r Message Zeros M
ros7–0
os
MSBZe
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS = 0001111 (0x0F)
MSBZeros7–0
Most significant byte of the number of zeros to be stuffed between IEC60958-3 messages (packets).
Default = 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com