Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 41 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 37Page - Analog Devices ADAV801 Datasheet HTML 38Page - Analog Devices ADAV801 Datasheet HTML 39Page - Analog Devices ADAV801 Datasheet HTML 40Page - Analog Devices ADAV801 Datasheet HTML 41Page - Analog Devices ADAV801 Datasheet HTML 42Page - Analog Devices ADAV801 Datasheet HTML 43Page - Analog Devices ADAV801 Datasheet HTML 44Page - Analog Devices ADAV801 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
ADAV801
Rev. 0 | Page 41 of 56
xCSTINT
sk
TxUBINT
Mask
TxCSBINT
Mask
RES
RxUBINT
Mask
RxCSBINT
Mask
RxError
Mask
Table 44. Interrupt Status Mask Register
SRCError
T
Mask
Ma
7
6
5
4
3
2
1
0
ADDRESS = 0011101 (0x1D)
SRCError Mask
Masks the SRCError bit from generating an interrupt.
0 = SRCError bit does not generate an interrupt.
an interrupt.
k
INT bit from generating an interrupt.
oes not generate an interrupt.
n interrupt.
ask
1 = TxUBINT bit generates an interrupt.
rrupt.
rrupt.
nterrupt.
T bit from generating an interrupt.
BINT bit does not generate an interrupt.
xCSBINT Mask
Masks the RxCSBINT bit from generating an interrupt.
nerate an interrupt.
nterrupt.
rating an interrupt.
s not generate an interrupt.
rror bit generates an interrupt.
1 = SRCError bit generates
TxCSTINT Mas
Masks the TxCST
0 = TxCSTINT bit d
1 = TxCSTINT bit generates a
TxUBINT M
Masks the TxUBINT bit from generating an interrupt.
0 = TxUBINT bit does not generate an interrupt.
TxCSBINT Mask
Masks the TxCSBINT bit from generating an inte
0 = TxCSBINT bit does not generate an inte
1 = TxCSBINT bit generates an i
RxUBINT Mask
Masks the RxUBIN
0 = RxU
1 = RxUBINT bit generates an interrupt.
R
0 = RxCSBINT bit does not ge
1 = RxCSBINT bit generates an i
Masks the RxError bit from gene
RxError Mask
0 = RxError bit doe
1 = RxE
able 45. Mute and De-Emphasis Register
RES
RES
SRC_DEEM1–0
RES
T
RES
RES
TxMUTE
7
6
5
4
3
2, 1
0
ADDRESS = 0011110 (0x1E)
TxMUTE
Mutes the AES3/SPDIF transmitter.
0 = Transmitter is not muted.
1 = Transmitter is muted.
SRC_DEEM1–0
Selects the de-emphasis filter for the input data to the sample rate converter.
mphasis.
kHz de-emphasis.
00 = No de-emphasis.
01 = 32 kHz de-emphasis.
10 = 44.1 kHz de-e
11 = 48
Table 46. NonAudio Preambl
RES
DTS-CD
Preamble
NonAudio
Frame
NonAudio
Subframe_A
NonAudio
Subframe_B
e Type Register (Read Only)
RES
RES
RES
7
6
5
4
3
2
1
0
ADDRESS = 0011111 (0x1F)
DTS-CD Preamble
This bit is set, if the DTS-CD preamble is detected.
NonAudio Frame
dio
me_A
subframe nonaudio data
onAudio
Subframe_B
This bit is set, if the data received through Channel B of the AES3/SPDIF receiver is subframe nonaudio data
according to SMPTE337M.
This bit is set, if the data received through the AES3/SPDIF receiver is nonaudio data according to the IEC61937
standard or nonaudio data according to SMPTE337M.
NonAu
Subfra
This bit is set, if the data received through Channel A of the AES3/SPDIF receiver is
according to SMPTE337M.
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com