Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 23 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 19Page - Analog Devices ADAV801 Datasheet HTML 20Page - Analog Devices ADAV801 Datasheet HTML 21Page - Analog Devices ADAV801 Datasheet HTML 22Page - Analog Devices ADAV801 Datasheet HTML 23Page - Analog Devices ADAV801 Datasheet HTML 24Page - Analog Devices ADAV801 Datasheet HTML 25Page - Analog Devices ADAV801 Datasheet HTML 26Page - Analog Devices ADAV801 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
ADAV801
Rev. 0 | Page 23 of 56
PLL1 MCLK
PLL2 MCLK
48kHz
32kHz
44.1kHz
256
384
REG 0x75
BITS 3–2
REG
REG 0x75
BIT 1
0x75
BIT 0
REG 0x77
BIT 0
PLL1
PLLINT1
SYSCLK1
×2
FS1
÷2
REG 0x75
BIT 5
REG 0x75
BIT 4
REG 0x77
BITS 2–1
x7
7–6
PLL2
PLLINT2
SYSCLK2
REG 0
BITS
5
REG 0x74
BIT 0
SYSCLK3
48kHz
32kHz
44.1kHz
256
384
×2
FS2
FS3
÷2
÷2
256
512
Figure 38. PLL Clocking Scheme
SPDIF TRANSMITTER AND RECEIVER
The ADAV801 contains an integrated SPDIF transmitter and
receiver. The transmitter consists of a single output pin,
DITOUT, on which the biphase encoded data appears. The
SPDIF transmitter source can be selected from the different
blocks making up the ADAV801. Additionally, the clock source
for the SPDIF transmitter can be selected from the various clock
sources available in the ADAV801.
The receiver uses two pins, DIRIN and DIR_LF. DIRIN accepts
the SPDIF input data stream. The DIRIN pin can be configured
to accept a digital input level, as defined in the Specifications
section, or an input signal with a peak-to-peak level of 200 mV
minimum, as defined by the IEC60958-3 specification. DIR_LF
is a loop filter pin, required by the internal PLL, which is used to
recover the clock from the SPDIF data stream.
The components shown in Figure 42 form a loop filter, which
integrates the current pulses from a charge pump and produces
a voltage that is used to tune the VCO of the clock recovery
PLL. The recovered audio data and audio clock can be routed to
the different blocks of the ADAV801, as required. Figure 39
shows a conceptual diagram of the DIRIN block.
C*
SPDIF
* EXTERNAL CAPACITOR IS REQUIRED ONLY
FOR VARIABLE LEVEL SPDIF INPUTS.
COMPARATOR
REG 0x74
BIT 4
DIRIN
DC
LEVEL
SPDIF
RECEIVER
Figure 39. DIRIN Block
DIT
INPUT
DIT
PLAYBACK
AUXILIARY IN
SRC
REG 0x63
BITS 2–0
ADC
CHANNEL STATUS
AND USER BITS
DIR
DITOUT
Figure 40. Digital Output Transmitter Block Diagram
DIR
DIRIN
AUDIO
DATA
RECOVERED
CLOCK
CHANNEL STATUS/
USER BITS
Figure 41. Digital Input Receiver Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com