Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 22 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 18Page - Analog Devices ADAV801 Datasheet HTML 19Page - Analog Devices ADAV801 Datasheet HTML 20Page - Analog Devices ADAV801 Datasheet HTML 21Page - Analog Devices ADAV801 Datasheet HTML 22Page - Analog Devices ADAV801 Datasheet HTML 23Page - Analog Devices ADAV801 Datasheet HTML 24Page - Analog Devices ADAV801 Datasheet HTML 25Page - Analog Devices ADAV801 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
ADAV801
Rev. 0 | Page 22 of 56
an external
PLL SECTION
The ADAV801 features a dual PLL configuration to generate
independent system clocks for asynchronous operation.
Figure 37 shows the block diagram of the PLL section. The PLL
generates the internal and system clocks from a 27 MHz clock.
This clock is generated either by a crystal connected between
XIN and XOUT, as shown in Figure 35, or from
clock source connected directly to XIN. A 54 MHz clock can
also be used, if the internal clock divider is used.
CC
XTAL
Figure 35. Crystal Connection
Both PLLs (PLL1 and PLL2) can be programmed independently
and can accommodate a range of sampling rates (32/44.1/48
kHz) with selectable system clock oversampling rates of 256 and
384. Higher oversampling rates can also be selected by enabling
the doubling of the sampling rate to give 512 or 768 × fS ratios.
Note that this option also allows oversampling ratios of 256 or
384 at double sample r
z.
The PLL outputs can be routed internally to act as clock sources
for the oth
, and so
on. The outputs of the PLLs are also available on the three
SYSCLK pins. Figure 38 shows how the PLLs can be configured
to provide the sampling clocks.
MCLK Selection
ates of 64/88.2/96 kH
er component blocks such as the ADC, DAC
Table 7. PLL Frequency Selection Options
PLL
Sample Rate (fS)
Normal fS
Double fS
1
32/44.1/48 kHz
256/384 × fS
512/768 × fS
64/88.2/96 kHz
256/384 × fS
2A
32/44.1/48 kHz
256/384 × fS
512/768 × fS
64/88.2/96 kHz
256/384 × fS
2B
Same as fS selected
512 × fS
For PLL 2A
512 × fS
The PLLs require some external components to operate
correctly. These c
6, form a loop
p and
ty
ows
d as master clocks
r t
e ADAV801
e DAC or ADC.
e
nd gro
pins, which should be
l
t electri
se from being
nv
ouplin
ns.
omponents, shown in Figure 3
filter that integrates the current pulses from a charge pum
produces a voltage that is used to tune the VCO. Good quali
capacitors, such as PPS film, are recommended. Figure 37 sh
a block diagram of the PLL section, including master clock
selection. Figure 38 shows how the clock frequencies at the
clock output pins, SYSCLK1 to SYSCLK 3, and the internal PLL
clock values, PLL1 and PLL2, are selected.
The clock nodes, PLL1 and PLL2, can be use
fo he other blocks in th
such as th
Th PLL has separate supply a
und
as c ean as possible to preven
cal noi
co erted into clock jitter by c
g onto the loop filter pi
PLL BLOCK
3.3k
Ω
PLL_LFx
100nF
AVDD
6.8nF
Figure 36. PLL Loop Filter
MCLKI
REG 0x
BIT
MCLKO
REG 0x74
BIT 5
G 0x74
BIT 4
REG 0x78
BIT 6
78
7
PHASE
DETECTOR
AND LOOP
FILTER
PLL1
SYSCLK1
SYSCLK2
SYSCLK3
PLL_LF2
XOUT
RE
XIN
PLL_LF1
÷2
÷2
VCO
÷N
OUTPUT
SCALER N1
PHASE
DETECTOR
AND LOOP
FILTER
PLL2
VCO
÷N
OUTPUT
SCALER N2
OUTPUT
SCALER N3
Section Block Diagram
Figure 37. PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com