Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 3 Page - Analog Devices

  ADAV801 Datasheet HTML 1Page - Analog Devices ADAV801 Datasheet HTML 2Page - Analog Devices ADAV801 Datasheet HTML 3Page - Analog Devices ADAV801 Datasheet HTML 4Page - Analog Devices ADAV801 Datasheet HTML 5Page - Analog Devices ADAV801 Datasheet HTML 6Page - Analog Devices ADAV801 Datasheet HTML 7Page - Analog Devices ADAV801 Datasheet HTML 8Page - Analog Devices ADAV801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
ADAV801
Rev. 0 | Page 3 of 56
SPECIFICATIONS
TEST CONDITIONS
Test conditions, unless otherwise noted.
Table 1.
Test Parameter
Condition
Supply Voltage
Analog
3.3 V
Digital
3.3 V
Ambient Temperature
25°C
Master Clock (XIN)
12.288 MHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width (All Converters)
24 bits
Load Capacitance on Digital Outputs
100 pF
ADC Input Frequency
1007.8125 Hz at −1 dBFS
DAC Output Frequency
960.9673 Hz at 0 dBFS
Digital Input
Slave Mode, I2S Justified Format
Digital Output
Slave Mode, I2S Justified Format
ADAV801 SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Comments
PGA SECTION
Input Impedance
4
kΩ
Minimum Gain
0
dB
Maximum Gain
24
dB
Gain Step
0.5
dB
REFERENCE SECTION
Absolute Voltage, VREF
1.5
V
VREF Temperature Coefficient
80
ppm/°C
ADC SECTION
Number of Channels
2
Resolution
24
Bits
Dynamic Range
−60 dB input
Unweighted
99
dB
fS = 48 kHz
98
dB
fS = 96 kHz
A-Weighted
98
102
dB
fS = 48 kHz
101
dB
fS = 96 kHz
Total Harmonic Distortion plus Noise
Input = −1.0 dBFS
−88
dB
fS = 48 kHz
−87
dB
fS = 96 kHz
Analog Input
Input Range (± Full Scale)
1.0
V rms
DC Accuracy
Gain Error
−1.5
−0.8
dB
Interchannel Gain Mismatch
0.05
dB
Gain Drift
1
mdB/°C
Offset
−10
mV
Crosstalk (EIAJ Method)
−110
dB
Volume Control Step Size (256 Steps)
0.39
% per
step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com