Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 25 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 21Page - Analog Devices ADAV801 Datasheet HTML 22Page - Analog Devices ADAV801 Datasheet HTML 23Page - Analog Devices ADAV801 Datasheet HTML 24Page - Analog Devices ADAV801 Datasheet HTML 25Page - Analog Devices ADAV801 Datasheet HTML 26Page - Analog Devices ADAV801 Datasheet HTML 27Page - Analog Devices ADAV801 Datasheet HTML 28Page - Analog Devices ADAV801 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
ADAV801
Rev. 0 | Page 25 of 56
Data Bits
Table 10. Professional Audio Standard
Address
7
6
5
4
3
2
1
0
N
Sample
Frequency
Lock
Emphasis
Non-
Audio
Pro/
Con
= 1
N + 1
User Bit Management
Channel Mode
N + 2
Alignm
Level
Use of Auxiliary Mode
ent
Source Word Length
Sample Bits
N + 3
Channel Identification
N + 4
fS
Scal-
ing
Reference
Signal
Sample Frequency (fS)
Reserved
Digital Audio
N + 5
Reserved
N + 6
Alphanumeric Channel Origin Data—First Character
N + 7
Alphanumeric Channel Origin Data
N + 8
Alphanumeric Channel Origin Data
N + 9
el Origin Data—Last Character
Alphanumeric Chann
N + 1
lp
ion Data—First Character
0
A hanumeric Channel Destinat
N + 11
Alphanumeric Channel Destination Data
N + 12
Alphanumeric Channel Destination Data
N + 1
Al
3
phanumeric Channel Destination Data—Last Character
N + 14
Local Sample Address Code—LSW
N + 15
Local Sample Address Code
N + 16
Local Sample Address Code
N + 17
Local Sample Address Code—MSW
N + 18
Time of Day Code—LSW
N + 19
Time of Day Code
N + 20
Time of Day Code
N + 21
Time of Day Code—MSW
N + 22
Reliability Flags
Reserved
N + 23
Cyclic Redundancy Check Character (CRCC)
N = 0x20 for receiver channel status buffer.
are
organized into 24 bytes and have the interpretations shown in
d
the need for user intervention.
Receiver Section
The ADAV801 uses a double-buffering scheme to handle read-
ing channel status and user bit information. The channel status
bits are available as a memory buffer, taking up 24 consecutive
register locations. The user bits are read using an indirect
memory addressing scheme, where the receiver user- bit
indirect-address register is programmed with an offset to the
iver user bit data register can be read
er
read
d
N = 0x38 for transmitter channel status buffer.
The standards allow the channel status bits in each subframe to
be independent, but ordinarily the channel status bit in the two
subframes of each frame are the same. The channel status bits
are defined differently for the consumer audio standards and
the professional audio standards. The 192 channel status bits
Table 9 and Table 10.
The SPDIF transmitter and receiver have a comprehensive
register set. The registers give the user full access to the
functions of the SPDIF block, such as detecting nonaudio an
validity bits, Q subcodes, preambles, and so on. The channel
status bits as defined by the IEC60958 and AES3 specifications
are stored in register buffers for ease of use. An autobuffering
function allows channel status bits and user bits read by the
receiver to be copied directly to the transmitter block, removing
user bit buffer, and the rece
to determine the user bits at that location. Reading the receiv
user bit data register automatically updates the indirect address
register to the next location in the buffer. Typically, the receiver
user bit indirect-address register is programmed to zero (the
start of the buffer), and the receiver user bit data register is
repeatedly until all the buffer’s data has been read. Figure 46 an
Figure 47 show how receiving the channel status bits and user
bits is implemented.
SECONDBUFFER
RECEIVE
CHANNEL
STATUS A
(24 × 8 BITS)
DIRIN
CS BUFFER
(0x20–0x37)
CHANNEL
STATUS B
(24 × 8 BITS)
RxCSSWITCH
SPDIF
RECEIVE
BUFFER
FIRST BUFFER
Figure 46. Channel Status Buffer
BUFFER
SPDIFIN
0...7
8...15
16...23
FIRST
0...7
8...15
16...23
USER-BIT
BUFFER
ADDRESS = 0x50
ADDRESS = 0x51
RECEIVER USER BIT
INDIRECT ADDRESS
REGISTER
RECEIVER USER BIT
DATA REGISTER
Figure 47. Receiver User Bit Buffer
The SPDIF receive buffer is updated continuously by the
incoming SPDIF stream. Once all the channel status bits f
block (192 for Channel A and 192 for Channel B) are recei
or the
ved,
This
d the
bi n the channel status switch buffer register
in
eth
equi
to be
fer is
bytes
g and
Because the chan
change, a software
T, is provided to
tify th
ost co
tatus
bits is available or
status
formation have changed from a previous block. The function
of the RxCSBINT is controlled by the RxBCONF3 bit in the
receiver buffer configuration register.
The size of the user bit buffer can be set by programming the
RxBCONF0 bit in the receiver buffer configuration register, as
shown in Table 11.
the bits are copied into the receiver channel status buffer.
buffer stores all 384 bits of channel status information, an
RxCSSWITCH
t i
determ es wh
er the Channel A or the Channel B status bits
are r
red
read. The receive channel status bit buf
24
lon
spans the address range from 0x20 to 0x37.
nel status bits of an SPDIF stream rarely
interrupt/flag bit, RxCSBIN
no
e h
ntrol that either a new block of channel s
that the first five bytes of channel
in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com