Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801 Datasheet(PDF) 45 Page - Analog Devices

Part # ADAV801
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADAV801 Datasheet HTML 41Page - Analog Devices ADAV801 Datasheet HTML 42Page - Analog Devices ADAV801 Datasheet HTML 43Page - Analog Devices ADAV801 Datasheet HTML 44Page - Analog Devices ADAV801 Datasheet HTML 45Page - Analog Devices ADAV801 Datasheet HTML 46Page - Analog Devices ADAV801 Datasheet HTML 47Page - Analog Devices ADAV801 Datasheet HTML 48Page - Analog Devices ADAV801 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
ADAV801
Rev. 0 | Page 45 of 56
Table 58. DAC Control Register 2
RES
RES
DMCLK1
DMCLK0
DFS1
DFS0
DEEM1
DEEM0
7
6
5
4
3
2
1
0
ADDRESS = 1100101 (0x65)
DMCLK1–0
DAC MCLK divider.
00 = MCLK.
01 = MCLK/1.5.
10 = MCLK/2.
11 = MCLK/3.
elect.
CLK
).
= 4 × (MCLK
128 × fS).
(MCLK = 64 × fS).
EEM1–0
elect.
10 = 32 kHz.
11 = 48 kHz.
DFS1–0
DAC interpolator s
00 = 8 × (M
= 256 × fS
01
=
10 = 2 ×
11 = Reserved.
D
DAC de-emphasis s
00 = None.
01 = 44.1 kHz.
Table 59. DAC Contr
Register 3
RES
RES
RES
RES
ZFVOL
ZFDATA
ZFPOL
ol
RES
7
4
3
2
1
0
6
5
ADDRESS = 1100110 (0x66)
ZFVOL
DAC zero flag on mute and zero volume.
0
1 = Disabled.
disable.
0 = Enabled.
1 = Disabled.
lag polarity.
0
1
= Enabled.
ZFDATA
DAC zero flag on zero data
ZFPOL
DAC zero f
= Active high.
= Active low.
Table 60. DAC Contr
RES
INTRPT
ZEROSEL1
ZEROSEL0
RES
RES
RES
RES
ol Register 4
7
6
5
4
3
2
1
0
ADDRESS = 1100111 (0x67)
INTRPT
This bit selects th
unctionality
the ZEROL/
pin.
e f
of
INT
0 = Pin functions as a ZEROL flag pin.
1
in.
T
lity of the ZEROR pin when the ZEROL/INT pin is used as an interrupt.
00 = Pin functions as a ZEROR flag pin.
01 = Pin functions as a ZEROL flag pin.
1
hen either the left or right channel is zero.
1
right channels are zero.
= Pin functions as an interrupt p
ZEROSEL1–0
hese bits control the functiona
0 = Pin is asserted w
1 = Pin is asserted when both the left and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com