Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 14Page - Microchip Technology USB3280 Datasheet HTML 15Page - Microchip Technology USB3280 Datasheet HTML 16Page - Microchip Technology USB3280 Datasheet HTML 17Page - Microchip Technology USB3280 Datasheet HTML 18Page - Microchip Technology USB3280 Datasheet HTML 19Page - Microchip Technology USB3280 Datasheet HTML 20Page - Microchip Technology USB3280 Datasheet HTML 21Page - Microchip Technology USB3280 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
USB3280
DS00001898A-page 18
 2004 - 2015 Microchip Technology Inc.
Figure 7-2 shows the relationship between CLKOUT and the receive data control signals in FS mode. RXACTIVE
"frames" a packet, transitioning only at the beginning and end of a packet. However transitions of RXVALID may take
place any time 8 bits of data are available. Figure 7-1 also shows how RXVALID is only asserted for one CLKOUT cycle
per byte time even though the data may be presented for the full byte time. The XCVRSELECT signal determines
whether the HS or FS timing relationship is applied to the data and control signals.
7.3
Clock and Data Recovery Circuit
This block consists of the Clock and Data Recovery Circuit and the Elasticity Buffer. The Elasticity Buffer is used to com-
pensate for differences between the transmitting and receiving clock domains. The USB 2.0 specification defines a max-
imum clock error of ±1000ppm of drift.
7.4
TX Logic
This block receives parallel data bytes placed on the DATA bus and performs the necessary transmit operations. These
operations include parallel to serial conversion, bit stuffing and NRZI encoding. Upon valid assertion of the proper TX
control lines by the SIE and TX State Machine, the TX LOGIC block will synchronously shift, at either the FS or HS rate,
the data to the FS/HS TX block to be transmitted on the USB cable. Data transmit timing is shown in Figure 7-3.
The behavior of the Transmit State Machine is described below.
• Asserting a RESET forces the transmit state machine into the Reset state which negates TXREADY. When
RESET is negated the transmit state machine will enter a wait state.
• The SIE asserts TXVALID to begin a transmission.
• After the SIE asserts TXVALID it can assume that the transmission has started when it detects TXREADY has
been asserted.
FIGURE 7-2:
FS CLK RELATIONSHIP TO RECEIVE DATA AND CONTROL SIGNALS
FIGURE 7-3:
TRANSMIT TIMING FOR A DATA PACKET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com