Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 13Page - Microchip Technology USB3280 Datasheet HTML 14Page - Microchip Technology USB3280 Datasheet HTML 15Page - Microchip Technology USB3280 Datasheet HTML 16Page - Microchip Technology USB3280 Datasheet HTML 17Page - Microchip Technology USB3280 Datasheet HTML 18Page - Microchip Technology USB3280 Datasheet HTML 19Page - Microchip Technology USB3280 Datasheet HTML 20Page - Microchip Technology USB3280 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
 2004 - 2015 Microchip Technology Inc.
DS00001898A-page 17
USB3280
7.0
FUNCTIONAL OVERVIEW
FIGURE 2-1: on page 5 shows the functional block diagram of the USB3280. Each of the functions is described in detail
below.
7.1
Modes of Operation
The USB3280 supports an 8-bit bi-directional parallel interface.
• CLKOUT runs at 60MHz
• The 8-bit data bus (DATA[7:0]) is used for transmit when TXVALID = 1
• The 8-bit data bus (DATA[7:0]) is used for receive when TXVALID = 0
7.2
System Clocking
This block connects to either an external 24MHz crystal or an external clock source and generates a 480MHz multi-
phase clock. The clock is used in the CRC block to over-sample the incoming received data, resynchronize the transmit
data, and is divided down to 60MHz (CLKOUT) which acts as the system byte clock. The PLL block also outputs a clock
valid signal to the other parts of the transceiver when the clock signal is stable. All UTMI signals are synchronized to the
CLKOUT output. The behavior of the CLKOUT is as follows:
• Produce the first CLKOUT transition no later than 5.6ms after negation of SUSPENDN. The CLKOUT signal fre-
quency error is less than 10% at this time.
• The CLKOUT signal will fully meet the required accuracy of ±500ppm no later than 1.4ms after the first transition
of CLKOUT.
In HS mode there is one CLKOUT cycle per byte time. The frequency of CLKOUT does not change when the PHY is
switched between HS to FS modes. In FS mode there are 5 CLKOUT cycles per FS bit time, typically 40 CLKOUT cycles
per FS byte time. If a received byte contains a stuffed bit then the byte boundary can be stretched to 45 CLKOUT cycles,
and two stuffed bits would result in a 50 CLKOUT cycles.
Figure 7-1 shows the relationship between CLKOUT and the transmit data transfer signals in FS mode. TXREADY is
only asserted for one CLKOUT per byte time to signal the SIE that the data on the DATA lines has been read by the
PHY. The SIE may hold the data on the DATA lines for the duration of the byte time. Transitions of TXVALID must meet
the defined setup and hold times relative to CLKOUT.
FIGURE 7-1:
FS CLK RELATIONSHIP TO TRANSMIT DATA AND CONTROL SIGNALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com