Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 25Page - Microchip Technology USB3280 Datasheet HTML 26Page - Microchip Technology USB3280 Datasheet HTML 27Page - Microchip Technology USB3280 Datasheet HTML 28Page - Microchip Technology USB3280 Datasheet HTML 29Page - Microchip Technology USB3280 Datasheet HTML 30Page - Microchip Technology USB3280 Datasheet HTML 31Page - Microchip Technology USB3280 Datasheet HTML 32Page - Microchip Technology USB3280 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
 2004 - 2015 Microchip Technology Inc.
DS00001898A-page 29
USB3280
8.8
HS Detection Handshake – FS Downstream Facing Port
Upon entering the HS Detection process (T0) XCVRSELECT and TERMSELECT are in FS mode. The DP pull-up is
asserted and the HS terminations are disabled. The SIE then sets OPMODE to Disable Bit Stuffing and NRZI encoding,
XCVRSELECT to HS mode, and begins the transmission of all 0's data, which asserts a HS K (chirp) on the bus (T1).
The device chirp must last at least 1.0ms, and must end no later than 7.0ms after HS Reset T0. At time T1 the device
begins listening for a chirp sequence from the host port.
If the downstream facing port is not HS capable, then the HS K asserted by the device is ignored and the alternating
sequence of HS Chirp K’s and J’s is not generated. If no chirps are detected (T4) by the device, it will enter FS mode
by returning XCVRSELECT to FS mode.
Note 1:
T0 may occur to 4ms after HS Reset T0.
2:
The SIE must assert the Chirp K for 66000 CLKOUT cycles to ensure a 1ms minimum duration.
FIGURE 8-3:
HS DETECTION HANDSHAKE TIMING BEHAVIOR (FS MODE)
TABLE 8-6:
HS DETECTION HANDSHAKE TIMING VALUES (FS MODE)
Timing
Parameter
Description
Value
T0
HS Handshake begins. DP pull-up enabled, HS
terminations disabled.
0 (reference)
T1
Device enables HS Transceiver and asserts Chirp K
on the bus.
T0 < T1 < HS Reset T0 + 6.0ms
T2
Device removes Chirp K from the bus. 1ms
minimum width.
T1 + 1.0 ms < T2 <
HS Reset T0 + 7.0ms
T3
Earliest time when downstream facing port may
assert Chirp KJ sequence on the bus.
T2 < T3 < T2+100µs
T4
Chirp not detected by the device. Device reverts to
FS default state and waits for end of reset.
T2 + 1.0ms < T4 <
T2 + 2.5ms
T5
Earliest time at which host port may end reset
HS Reset T0 + 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com