Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280 Datasheet(PDF) 9 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 5Page - Microchip Technology USB3280 Datasheet HTML 6Page - Microchip Technology USB3280 Datasheet HTML 7Page - Microchip Technology USB3280 Datasheet HTML 8Page - Microchip Technology USB3280 Datasheet HTML 9Page - Microchip Technology USB3280 Datasheet HTML 10Page - Microchip Technology USB3280 Datasheet HTML 11Page - Microchip Technology USB3280 Datasheet HTML 12Page - Microchip Technology USB3280 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
 2004 - 2015 Microchip Technology Inc.
DS00001898A-page 9
USB3280
TABLE 4-5:
POWER AND GROUND SIGNALS
Name
Direction
Active
Level
Description
VDD3.3
(V33)
N/A
N/A
3.3V Supply.
Provides power for USB 2.0 Transceiver, UTMI+
Digital, Digital I/O, and Regulators.
REG_EN
(REN)
Input
High
On-Chip 1.8V regulator enable.
Connect to ground to disable
both of the on chip (VDDA1.8 and VDD1.8) regulators. When
regulators are disabled:
• External 1.8V must be supplied to VDDA1.8 and VDD1.8 pins.
When the regulators are disabled, VDDA1.8 may be con-
nected to VDD1.8 and a bypass capacitor (0.1
μF recom-
mended) should be connected to each pin.
• The voltage at VDD3.3 must be at least 2.64V (0.8 * 3.3V)
before voltage is applied to VDDA1.8 and VDD1.8.
VDD1.8
(V18)
N/A
N/A
1.8V Digital Supply.
Supplied by On-Chip Regulator when
REG_EN is active. Low ESR 4.7uF minimum capacitor
requirement when using internal regulators. Do not connect
VDD1.8 to VDDA1.8 when using internal regulators. When the
regulators are disabled, VDD1.8 may be connected to VDD1.8A.
VSS
(GND)
N/A
N/A
Common Ground.
VDDA1.8
(V18A)
N/A
N/A
1.8V Analog Supply.
Supplied by On-Chip Regulator when
REG_EN is active. Low ESR 4.7uF minimum capacitor
requirement when using internal regulators. Do not connect
VDD1.8A to VDD1.8 when using internal regulators. When the
regulators are disabled, VDD1.8A may be connected to VDD1.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com