Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280 Datasheet(PDF) 22 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 18Page - Microchip Technology USB3280 Datasheet HTML 19Page - Microchip Technology USB3280 Datasheet HTML 20Page - Microchip Technology USB3280 Datasheet HTML 21Page - Microchip Technology USB3280 Datasheet HTML 22Page - Microchip Technology USB3280 Datasheet HTML 23Page - Microchip Technology USB3280 Datasheet HTML 24Page - Microchip Technology USB3280 Datasheet HTML 25Page - Microchip Technology USB3280 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
USB3280
DS00001898A-page 22
 2004 - 2015 Microchip Technology Inc.
7.6.3
BIAS GENERATOR
This block consists of an internal bandgap reference circuit used for generating the high speed driver currents and the
biasing of the analog circuits. This block requires an external 12k
Ω, 1% tolerance, external reference resistor connected
from RBIAS to ground.
7.7
Crystal Oscillator and PLL
The USB3280 uses an internal crystal driver and PLL sub-system to provide a clean 480MHz reference clock that is
used by the PHY during both transmit and receive. The USB3280 requires a clean 24MHz crystal or clock as a frequency
reference. If the 24MHz reference is noisy or off frequency the PHY may not operate correctly.
The USB3280 can use either a crystal or an external clock oscillator for the 24MHz reference. The crystal is connected
to the XI and XO pins as shown in the application diagram, Figure 8-9. If a clock oscillator is used the clock should be
connected to the XI input and the XO pin left floating. When a external clock is used the XI pin is designed to be driven
with a 0 to 3.3 volt signal. When using an external clock the user needs to take care to ensure the external clock source
is clean enough to not degrade the high speed eye performance.
Once, the 480MHz PLL has locked to the correct frequency it will drive the CLKOUT pin with a 60MHz clock.
7.8
Internal Regulators and POR
The USB3280 includes an integrated set of built in power management functions. These power management features
include a POR generation and allow the USB3280 to be powered from a single 3.3 volt power supply. This reduces the
bill of materials and simplifies product design.
7.8.1
INTERNAL REGULATORS
The USB3280 has two integrated 3.3 volt to 1.8 volt regulators. These regulators require an external 4.7uF +/-20% low
ESR bypass capacitor to ensure stability. X5R or X7R ceramic capacitors are recommended since they exhibit an ESR
lower than 0.1 ohm at frequencies greater than 10kHz.
The two regulator outputs, which require bypass capacitors, are the pins labeled VDDA1.8 and VDD1.8. Each pin
requires a 4.7uF bypass capacitor placed as close to the pin as possible.
TABLE 7-1:
DP/DM TERMINATION VS. SIGNALING MODE
Signaling Mode
UTMI+ Interface Settings
Resistor Settings
Tri-State Drivers
Xb
Xb
01b
0b
0b
Power-up
1b
0b
00b
0b
0b
Peripheral Chirp
0b
1b
10b
1b
0b
Peripheral HS
0b
0b
00b
0b
1b
Peripheral FS
1b
1b
00b
1b
0b
Peripheral HS/FS Suspend
1b
1b
00b
1b
0b
Peripheral HS/FS Resume
1b
1b
10b
1b
0b
Peripheral Test J/Test K
0b
0b
10b
0b
1b
Note:
The USB3280 regulators are designed to generate a 1.8 volt supply for the USB3280 only. Using the reg-
ulators to provide current for other circuits is not recommended and Microchip does not guarantee USB
performance or regulator stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com