Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 27Page - Microchip Technology USB3280 Datasheet HTML 28Page - Microchip Technology USB3280 Datasheet HTML 29Page - Microchip Technology USB3280 Datasheet HTML 30Page - Microchip Technology USB3280 Datasheet HTML 31Page - Microchip Technology USB3280 Datasheet HTML 32Page - Microchip Technology USB3280 Datasheet HTML 33Page - Microchip Technology USB3280 Datasheet HTML 34Page - Microchip Technology USB3280 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
 2004 - 2015 Microchip Technology Inc.
DS00001898A-page 31
USB3280
Note 1:
T0 may be up to 4ms after HS Reset T0.
2:
The SIE must use LINESTATE to detect the downstream port chirp sequence.
3:
Due to the assertion of the HS termination on the host port and FS termination on the device port, between
T1 and T7 the signaling levels on the bus are higher than HS signaling levels and are less than FS signaling
levels.
FIGURE 8-5:
HS DETECTION HANDSHAKE TIMING BEHAVIOR (HS MODE)
TABLE 8-7:
RESET TIMING VALUES
Timing Parameter
Description
Value
T0
HS Handshake begins. DP pull-up enabled, HS
terminations disabled.
0 (reference)
T1
Device asserts Chirp K on the bus.
T0 < T1 < HS Reset T0 + 6.0ms
T2
Device removes Chirp K from the bus. 1 ms minimum
width.
T0 + 1.0ms < T2 <
HS Reset T0 + 7.0ms
T3
Downstream facing port asserts Chirp K on the bus. T2 < T3 < T2+100µs
T4
Downstream facing port toggles Chirp K to Chirp J on
the bus.
T3 + 40µs < T4 < T3 + 60µs
T5
Downstream facing port toggles Chirp J to Chirp K on
the bus.
T4 + 40µs < T5 < T4 + 60µs
T6
Device detects downstream port chirp.
T6
T7
Chirp detected by the device. Device removes DP
pull-up and asserts HS terminations, reverts to HS
default state and waits for end of reset.
T6 < T7 < T6 + 500µs
T8
Terminate host port Chirp K-J sequence (Repeating
T4 and T5)
T9 - 500µs < T8 < T9 - 100µs
T9
The earliest time at which host port may end reset.
The latest time, at which the device may remove the
DP pull-up and assert the HS terminations, reverts to
HS default state.
HS Reset T0 + 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com