Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 17Page - Microchip Technology USB3280 Datasheet HTML 18Page - Microchip Technology USB3280 Datasheet HTML 19Page - Microchip Technology USB3280 Datasheet HTML 20Page - Microchip Technology USB3280 Datasheet HTML 21Page - Microchip Technology USB3280 Datasheet HTML 22Page - Microchip Technology USB3280 Datasheet HTML 23Page - Microchip Technology USB3280 Datasheet HTML 24Page - Microchip Technology USB3280 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 2004 - 2015 Microchip Technology Inc.
DS00001898A-page 21
USB3280
The receivers connect directly to the USB cable. The block contains a separate differential receiver for HS and FS mode.
Depending on the mode, the selected receiver provides the serial data stream through the mulitplexer to the RX Logic
block. The FS mode section of the FS/HS RX block also consists of a single-ended receiver on each of the data lines
to determine the correct FS LINESTATE. For HS mode support, the FS/HS RX block contains a squelch circuit to insure
that noise is never interpreted as data.
7.6
USB 2.0 Transceiver
The Microchip Hi-Speed USB 2.0 Transceiver consists of the High Speed and Full Speed Transceivers, and the Termi-
nation resistors.
7.6.1
HIGH SPEED AND FULL SPEED TRANSCEIVERS
The USB3280 transceiver meets all requirements in the USB 2.0 specification.
The receivers connect directly to the USB cable. This block contains a separate differential receiver for HS and FS
mode. Depending on the mode, the selected receiver provides the serial data stream through the multiplexer to the RX
Logic block. The FS mode section of the FS/HS RX block also consists of a single-ended receiver on each of the data
lines to determine the correct FS linestate. For HS mode support, the FS/HS RX block contains a squelch circuit to
insure that noise is never interpreted as data.
The transmitters connect directly to the USB cable. The block contains a separate differential FS and HS transmitter
which receive encoded, bit stuffed, serialized data from the TX Logic block and transmit it on the USB cable.
7.6.2
TERMINATION RESISTORS
The USB3280 transceiver fully integrates all of the USB termination resistors. The USB3280 includes the 1.5kΩ pull-up
resistor on DP. In addition the 45Ω high speed termination resistors are also integrated. These integrated resistors
require no tuning or trimming. The state of the resistors is determined by the operating mode of the PHY. The possible
valid resistor combinations are shown in Table 7-1.
• RPU_DP_EN activates the 1.5kΩ DP pull-up resistor
• HSTERM_EN activates the 45Ω DP and DM high speed termination resistors
FIGURE 7-7:
RECEIVE TIMING FOR DATA PACKET (WITH CRC-16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com