Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 11Page - Microchip Technology USB3280 Datasheet HTML 12Page - Microchip Technology USB3280 Datasheet HTML 13Page - Microchip Technology USB3280 Datasheet HTML 14Page - Microchip Technology USB3280 Datasheet HTML 15Page - Microchip Technology USB3280 Datasheet HTML 16Page - Microchip Technology USB3280 Datasheet HTML 17Page - Microchip Technology USB3280 Datasheet HTML 18Page - Microchip Technology USB3280 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
 2004 - 2015 Microchip Technology Inc.
DS00001898A-page 15
USB3280
6.2
High-speed Signaling Eye Patterns
High-speed USB signals are characterized using eye patterns. For measuring the eye patterns 4 points have been
defined (see Figure 6-3). The Universal Serial Bus Specification Rev.2.0 defines the eye patterns in several ‘templates’.
The two templates that are relevant to the PHY are shown below.
The eye pattern in Figure 6-4 defines the transmit waveform requirements for a hub (measured at TP2 of Figure 6-3) or
a device without a captive cable (measured at TP3 of Figure 6-3). The corresponding signal levels and timings are given
in table below. Time is specified as a percentage of the unit interval (UI), which represents the nominal bit duration for
a 480 Mbit/s transmission rate.
FIGURE 6-3:
EYE PATTERN MEASUREMENT PLANES
FIGURE 6-4:
EYE PATTERN FOR TRANSMIT WAVEFORM AND EYE PATTERN DEFINITION
USB Cable
Transceiver
Device Circuit Board
Transceiver
Hub Circuit Board
Connector
Traces
Traces
A
Connector
B
TP1
TP2
TP3
TP4
Differential
-400mV
Differential
400mV
Unit Interval
100%
Level 2
Level 1
Point 1
Point 2
Point 4
Point 3
Point 6
Point 5
0%
0 Volts
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com