Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 15Page - Microchip Technology USB3280 Datasheet HTML 16Page - Microchip Technology USB3280 Datasheet HTML 17Page - Microchip Technology USB3280 Datasheet HTML 18Page - Microchip Technology USB3280 Datasheet HTML 19Page - Microchip Technology USB3280 Datasheet HTML 20Page - Microchip Technology USB3280 Datasheet HTML 21Page - Microchip Technology USB3280 Datasheet HTML 22Page - Microchip Technology USB3280 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
 2004 - 2015 Microchip Technology Inc.
DS00001898A-page 19
USB3280
• The SIE must assume that the USB3280 has consumed a data byte if TXREADY and TXVALID are asserted on
the rising edge of CLKOUT.
• The SIE must have valid packet information (PID) asserted on the DATA bus coincident with the assertion of
TXVALID.
• TXREADY is sampled by the SIE on the rising edge of CLKOUT.
• The SIE negates TXVALID to complete a packet. Once negated, the transmit logic will never reassert TXREADY
until after the EOP has been generated. (TXREADY will not re-assert until TXVALD asserts again.
• The USB3280 is ready to transmit another packet immediately, however the SIE must conform to the minimum
inter-packet delays identified in the USB 2.0 specification.
7.5
RX Logic
This block receives serial data from the CRC block and processes it to be transferred to the SIE on the DATA bus. The
processing involved includes NRZI decoding, bit unstuffing, and serial to parallel conversion. Upon valid assertion of the
proper RX control lines by the RX State Machine, the RX Logic block will provide bytes to the DATA bus as shown in
the figures below. The behavior of the Receive State Machine is described below.
The assertion of RESET will force the Receive State Machine into the Reset state. The Reset state deasserts RXAC-
TIVE and RXVALID. When the RESET signal is deasserted the Receive State Machine enters the RX Wait state and
starts looking for a SYNC pattern on the USB. When a SYNC pattern is detected the state machine will enter the Strip
SYNC
state and assert RXACTIVE. The length of the received Hi-Speed SYNC pattern varies and can be up to 32 bits
long or as short as 12 bits long when at the end of five hubs. As a result, the state machine may remain in the Strip
SYNC
state for several byte times before capturing the first byte of data and entering the RX Data state.
After valid serial data is received, the state machine enters the RX Data state, where the data is loaded into the RX
Holding Register on the rising edge of CLKOUT and RXVALID is asserted. The SIE must clock the data off the DATA
bus on the next rising edge of CLKOUT. If OPMODE = Normal, then stuffed bits are stripped from the data stream. Each
time 8 stuffed bits are accumulated the state machine will enter the RX Data Wait state, negating RXVALID thus skipping
a byte time.
When the EOP is detected the state machine will enter the Strip EOP state and negate RXACTIVE and RXVALID. After
the EOP has been stripped the Receive State Machine will reenter the RX Wait state and begin looking for the next
packet.
The behavior of the Receive State Machine is described below:
• RXACTIVE and RXREADY are sampled on the rising edge of CLKOUT.
• In the RX Wait state the receiver is always looking for SYNC.
• The USB3280 asserts RXACTIVE when SYNC is detected (Strip SYNC state).
• The USB3280 negates RXACTIVE when an EOP is detected and the elasticity buffer is empty (Strip EOP state).
• When RXACTIVE is asserted, RXVALID will be asserted if the RX Holding Register is full.
• RXVALID will be negated if the RX Holding Register was not loaded during the previous byte time. This will occur
if 8 stuffed bits have been accumulated.
FIGURE 7-4:
RECEIVE TIMING FOR DATA WITH UNSTUFFED BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com