Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 7Page - Microchip Technology USB3280 Datasheet HTML 8Page - Microchip Technology USB3280 Datasheet HTML 9Page - Microchip Technology USB3280 Datasheet HTML 10Page - Microchip Technology USB3280 Datasheet HTML 11Page - Microchip Technology USB3280 Datasheet HTML 12Page - Microchip Technology USB3280 Datasheet HTML 13Page - Microchip Technology USB3280 Datasheet HTML 14Page - Microchip Technology USB3280 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
 2004 - 2015 Microchip Technology Inc.
DS00001898A-page 11
USB3280
6.0
ELECTRICAL CHARACTERISTICS
Note 6-1
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40oC to 85oC; unless otherwise specified.
Note 6-2
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40oC to 85oC; unless otherwise specified.
TABLE 6-1:
ELECTRICAL CHARACTERISTICS: SUPPLY PINS (
Note 6-1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Unconfigured Current
IAVG(UCFG)
Device Unconfigured
55
mA
FS Idle Current
IAVG(FS)
FS idle not data transfer
55
mA
FS Transmit Current
IAVG(FSTX)
FS current during data
transmit
60.5
mA
FS Receive Current
IAVG(FSRX)
FS current during data
receive
57.5
mA
HS Idle Current
IAVG(HS)
HS idle not data transfer
60.6
mA
HS Transmit Current
IAVG(HSTX)
HS current during data
transmit
62.4
mA
HS Receive Current
IAVG(HSRX)
HS current during data
receive
61.5
mA
Low Power Mode
IDD(LPM)
VBUS 15kΩ pull-down and
1.5kΩ pull-up resistor
currents not included.
83
uA
TABLE 6-2:
DC ELECTRICAL CHARACTERISTICS: LOGIC PINS (
Note 6-2)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Low-Level Input Voltage
VIL
VSS
0.8
V
High-Level Input Voltage
VIH
2.0
VDD3.3
V
Low-Level Output Voltage
VOL
IOL = 8mA
0.4
V
High-Level Output Voltage
VOH
IOH = -8mA
VDD3.3
- 0.5
V
Input Leakage Current
ILI
± 1
uA
Pin Capacitance
Cpin
4
pF
TABLE 6-3:
DC ELECTRICAL CHARACTERISTICS: ANALOG I/O PINS (DP/DM) (
Note 6-3)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
FS FUNCTIONALITY
Input levels
Differential Receiver Input
Sensitivity
VDIFS
| V(DP) - V(DM) |
0.2
V
Differential Receiver
Common-Mode Voltage
VCMFS
0.8
2.5
V
Single-Ended Receiver Low
Level Input Voltage
VILSE
0.8
V
Single-Ended Receiver High
Level Input Voltage
VIHSE
2.0
V
Single-Ended Receiver
Hysteresis
VHYSSE
0.050
0.150
V
Output Levels
Low Level Output Voltage
VFSOL
Pull-up resistor on DP;
RL = 1.5kΩ to VDD3.3
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com