Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3280 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 9Page - Microchip Technology USB3280 Datasheet HTML 10Page - Microchip Technology USB3280 Datasheet HTML 11Page - Microchip Technology USB3280 Datasheet HTML 12Page - Microchip Technology USB3280 Datasheet HTML 13Page - Microchip Technology USB3280 Datasheet HTML 14Page - Microchip Technology USB3280 Datasheet HTML 15Page - Microchip Technology USB3280 Datasheet HTML 16Page - Microchip Technology USB3280 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
 2004 - 2015 Microchip Technology Inc.
DS00001898A-page 13
USB3280
Note 6-4
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40oC to 85oC; unless otherwise specified.
Note 6-5
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40oC to 85oC; unless otherwise specified.
Differential Rise/Fall Time
Matching
FRFM
Excluding the first
transition from IDLE state
90
111.1
%
HS Output Driver Timing
Differential Rise Time
THSR
500
ps
Differential Fall Time
THSF
500
ps
Driver Waveform
Requirements
Eye pattern of Template 1
in USB 2.0 specification
See
Figure 6-2
High Speed Mode Timing
Receiver Waveform
Requirements
Eye pattern of Template 4
in USB 2.0 specification
See
Figure 6-2
Data Source Jitter and
Receiver Jitter Tolerance
Eye pattern of Template 4
in USB 2.0 specification
See
Figure 6-2
TABLE 6-5:
DYNAMIC CHARACTERISTICS: DIGITAL UTMI PINS (
Note 6-5)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
UTMI Timing
DATA[7:0]
TPD
Output Delay. Measured
from PHY output to the
rising edge of CLKOUT
25
ns
RXVALID
RXACTIVE
RXERROR
LINESTATE[1:0]
TXREADY
DATA[7:0]
TSU
Setup Time. Measured
from PHY input to the
rising edge of CLKOUT.
5ns
TXVALID
OPMODE[1:0]
XCVRSELECT
TERMSELECT
DATA[7:0]
TH
Hold time. Measured from
the rising edge of
CLKOUT to the PHY input
signal edge.
0ns
TXVALID
OPMODE[1:0]
XCVRSELECT
TERMSELECT
TABLE 6-4:
DYNAMIC CHARACTERISTICS: ANALOG I/O PINS (DP/DM) (CONTINUED)(
Note 6-4)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com