Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786M Datasheet(PDF) 45 Page - STMicroelectronics

Part # TDA7786M
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786M Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TDA7786M Datasheet HTML 41Page - STMicroelectronics TDA7786M Datasheet HTML 42Page - STMicroelectronics TDA7786M Datasheet HTML 43Page - STMicroelectronics TDA7786M Datasheet HTML 44Page - STMicroelectronics TDA7786M Datasheet HTML 45Page - STMicroelectronics TDA7786M Datasheet HTML 46Page - STMicroelectronics TDA7786M Datasheet HTML 47Page - STMicroelectronics TDA7786M Datasheet HTML 48Page - STMicroelectronics TDA7786M Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
DocID026122 Rev 5
45/54
TDA7786, TDA7786M
Weak signal processing
53
5
Weak signal processing
All the parameters in this section refer to the programmability of the DSP part of the device.
The typical values are those set by default parameters (start-up without parametric change
from main microprocessor); the max and the min values refer to the programmability range.
The values are referred to the typical application (‘wide-band’ in FM). Wherever the possible
values are a discrete set, all the possible programmable values are displayed.
5.1
FM IF-processing
5.1.1
Dynamic channel selection filter (DISS)
5.1.2
Soft mute
Table 36. Dynamic channel selection filter (DISS) - discrete set
Symbol
Parameter
Test condition
Min
Typ
Max
Units
DISS BW
IF filter #10
response: - 3dB
-
±150
-
kHz
IF filter #9
-
±120
-
kHz
IF filter #8
-
±100
-
kHz
IF filter #7
-
±85
-
kHz
IF filter #6
±75
-
kHz
IF filter #5
±65
-
kHz
IF filter #4
±60
-
kHz
IF filter #3
±55
-
kHz
IF filter #2
-
±45
-
kHz
IF filter #1
-
±35
-
kHz
IF filter #0
-
±25
-
kHz
Table 37. Soft mute - continuous set
Symbol
Parameter
Test condition
Min
Typ
Max
Units
SMsp
Start point vs. field strength
audio atten = 1 dB
read “FM_SoftMute”
no adjacent channel present
0
6
20
dBµV
SMep
End point vs. field strength
audio atten = SMd + 1 dB
read “FM_SoftMute”
no adjacent channel present
-6
-6
10
dBµV
SMd
Depth
-30
-15
0
dB
SMtauatt
Field strength LPF cut-off
frequency for soft mute activation
0.1
100
4000
Hz
SMtaurel
Field strength LPF cut-off
frequency for soft mute release
0.1
1
4000
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com